Electronic Components Datasheet Search
  English  ▼

X  

AP1501 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP1501
Description  150KHZ, 3A PWM BUCK DC/DC CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1501 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP1501 Datasheet HTML 5Page - Diodes Incorporated AP1501 Datasheet HTML 6Page - Diodes Incorporated AP1501 Datasheet HTML 7Page - Diodes Incorporated AP1501 Datasheet HTML 8Page - Diodes Incorporated AP1501 Datasheet HTML 9Page - Diodes Incorporated AP1501 Datasheet HTML 10Page - Diodes Incorporated AP1501 Datasheet HTML 11Page - Diodes Incorporated AP1501 Datasheet HTML 12Page - Diodes Incorporated AP1501 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
AP1501
Document number: DS31014 Rev. 14 - 2
12 of 13
www.diodes.com
March 2021
© Diodes Incorporated
AP1501
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
(1) Package Type: TO263-5
TO263-5
Dim
Min
Max
A
4.07
4.85
A1
1.14
1.40
b
0.66
1.02
c
0.36
0.64
D
8.65
9.65
E
9.78
10.54
e
1.57
1.85
L
14.61
15.88
L1
2.29
2.79
L2
-
2.92
All Dimensions in mm
(2) Package Type: TO220-5
TO220-5
Dim
Min
Max
A
3.55
4.85
b
0.51
1.14
b1
1.14
1.78
C
0.31
1.14
D
14.20
16.50
D1
5.84
6.86
E
9.78
10.54
e
1.6
1.8
e1
6.6
7.0
F
0.51
1.40
J1
2.03
2.92
L
12.72
14.72
L1
3.66
6.35
P
3.53
4.09
Q
2.54
3.43
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
(1) Package Type: TO263-5
Dimensions
Value
(in mm)
X
10.9
X1
1.05
Y
15.7
Y1
9.1
Y2
2.5
C
1.7
e
b
L2
A
A1
L
D
c
L1
E
A
F
C
D
E
b
e1
b1
ØP
D1
Q
L1
J1
e
Y2
Y
Y1
X
C
X1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com