Electronic Components Datasheet Search
  English  ▼

X  

AP1501 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP1501
Description  150KHZ, 3A PWM BUCK DC/DC CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1501 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP1501 Datasheet HTML 5Page - Diodes Incorporated AP1501 Datasheet HTML 6Page - Diodes Incorporated AP1501 Datasheet HTML 7Page - Diodes Incorporated AP1501 Datasheet HTML 8Page - Diodes Incorporated AP1501 Datasheet HTML 9Page - Diodes Incorporated AP1501 Datasheet HTML 10Page - Diodes Incorporated AP1501 Datasheet HTML 11Page - Diodes Incorporated AP1501 Datasheet HTML 12Page - Diodes Incorporated AP1501 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AP1501
Document number: DS31014 Rev. 14 - 2
10 of 13
www.diodes.com
March 2021
© Diodes Incorporated
AP1501
Ordering Information
Device
(Note 4)
Voltage Package
Code
Package
(Note 7)
Lead Free/
Green
Quantity
Part Number
Suffix
Status
(Note 6)
Tube
13’’Tape
and reel
AP1501-50K5G-13
50
K5
TO263-5
Green
800
NA
-13
Active
AP1501-K5G-13
ADJ
K5
TO263-5
Green
800
NA
-13
Active
AP1501-12K5G-13
12
K5
TO263-5
Green
800
NA
-13
NRND
AP1501-33K5G-13
33
K5
TO263-5
Green
800
NA
-13
NRND
Notes:
6. AP1501-50K5G-13 and AP1501-K5G-13 are Active. All other versions are NRND or EOL.
For recommended alternatives to NRND/EOL devices, Contact Us.
7. For packaging details, go to our website at:
https://www.diodes.com/design/support/packaging/diodes-packaging/diodes-package-outlines-and-pad-layouts/.
AP1501 - XX XXX X - X
Output version
Package
Lead Free
Packing
Blank : Adjustable
K5 : TO263-5
L : Lead Free
U : Tube
33 : 3.3V
T5 : TO220-5
G : Green
13 : Tape & Reel
50 : 5.0V
T5R : TO220-5(R)
12 : 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com