Electronic Components Datasheet Search
  English  ▼

X  

AP1501 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP1501
Description  150KHZ, 3A PWM BUCK DC/DC CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1501 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP1501 Datasheet HTML 3Page - Diodes Incorporated AP1501 Datasheet HTML 4Page - Diodes Incorporated AP1501 Datasheet HTML 5Page - Diodes Incorporated AP1501 Datasheet HTML 6Page - Diodes Incorporated AP1501 Datasheet HTML 7Page - Diodes Incorporated AP1501 Datasheet HTML 8Page - Diodes Incorporated AP1501 Datasheet HTML 9Page - Diodes Incorporated AP1501 Datasheet HTML 10Page - Diodes Incorporated AP1501 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AP1501
Document number: DS31014 Rev. 14 - 2
7 of 13
www.diodes.com
March 2021
© Diodes Incorporated
AP1501
Performance Characteristics
Typical Performance Characteristics
Normalized Output Voltage
4.90
4.95
5.00
5.05
5.10
-50
-25
0
25
50
75 100 125
V
IN =20V, I LOAD=3A
Normalized at T
J=25
o
C
JUNCTION TEMPERATURE(oC)
JUNCTION TEMPERATURE(oC)
Switch Current Limit
0.0
5.0
10.0
15.0
20.0
25.0
-50
-25
0
25
50
75
100 125
JUNCTION TEMPERATURE(oC)
Operating Quiescent Current
JUNCTION TEMPERATURE(oC)
Efficiency
100
65
70
75
80
85
90
95
8
10
15
20
25
30
35 40
5V
3.3V
3A Load
0.60
0.80
1.00
1.20
1.40
1.60
0.5
1
2
3
SWITCH CURRENT(A)
1
2
3
1 : -40 oC
2 : 25 oC
3 : 125 oC
Switch Saturation Voltage
3.50
4.00
4.50
5.00
5.50
-50
-25
0
25
50
75 100 125
VIN=12V, VOUT=5V
SUPPLY VOLOTAGE (V)
0.0
40.0
80.0
120.0
160.0
200.0
Shutdown Quiescent Current
10
20
30
40
VON/OFF=5V
1 : -40 oC
2 : 25 oC
3 : 125 oC
1
3
2
Switch ON
Switch OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com