Electronic Components Datasheet Search
  English  ▼

X  

AP3428 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP3428
Description  1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3428 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP3428 Datasheet HTML 5Page - Diodes Incorporated AP3428 Datasheet HTML 6Page - Diodes Incorporated AP3428 Datasheet HTML 7Page - Diodes Incorporated AP3428 Datasheet HTML 8Page - Diodes Incorporated AP3428 Datasheet HTML 9Page - Diodes Incorporated AP3428 Datasheet HTML 10Page - Diodes Incorporated AP3428 Datasheet HTML 11Page - Diodes Incorporated AP3428 Datasheet HTML 12Page - Diodes Incorporated AP3428 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AP3428/A
Document number: DS37417 Rev. 5 - 2
9 of 14
www.diodes.com
May 2021
© Diodes Incorporated
AP3428/A
Ordering Information
KT : TSOT25
AP3428X X X - X
Packing
Package
TR : Tape & Reel
Product Name
G1 : RoHS Compliant
and Green
RoHS/Green
DN : U-DFN2020-6
Product Version
A : AP3428A
Blank : AP3428
(Type J)
WT : TSOT25(Type SM)
7 : Tape & Reel
Part Number
Status
Package
Identification Code
Temperature Range
Packing
AP3428AKTTR-G1
NRND
TSOT25
L2J
-40 to +85°C
3000/Tape & Reel
AP3428KTTR-G1
NRND
TSOT25
L2H
-40 to +85°C
3000/Tape & Reel
AP3428DNTR-G1
Active
U-DFN2020-6(Type J)
CQ
-40 to +85°C
3000/Tape & Reel
AP3428AWT-7
Active
TSOT25 (Type SM)
BD
-40 to +85°C
3000/Tape & Reel
AP3428WT-7
Active
TSOT25 (Type SM)
BC
-40 to +85°C
3000/Tape & Reel
Note 5: NRND = Not Recommended for New Design.
Marking Information
TSOT25 (Type SM) for AP3428WT-7 and AP3428AWT-7
1
2
3
5
4
XX : Identification Code
W : Week : A to Z : 1 to 26 week;
X : Internal Code
(Top View)
Y : Year 0 to 9
a to z : 27 to 52 week; z represents
52 and 53 week
XX Y W X
Part Number
Package
Identification Code
AP3428WT-7
TSOT25 (Type SM)
BC
AP3428AWT-7
TSOT25 (Type SM)
BD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com