Electronic Components Datasheet Search
  English  ▼

X  

AP3428 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP3428
Description  1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3428 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP3428 Datasheet HTML 6Page - Diodes Incorporated AP3428 Datasheet HTML 7Page - Diodes Incorporated AP3428 Datasheet HTML 8Page - Diodes Incorporated AP3428 Datasheet HTML 9Page - Diodes Incorporated AP3428 Datasheet HTML 10Page - Diodes Incorporated AP3428 Datasheet HTML 11Page - Diodes Incorporated AP3428 Datasheet HTML 12Page - Diodes Incorporated AP3428 Datasheet HTML 13Page - Diodes Incorporated AP3428 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
AP3428/A
Document number: DS37417 Rev. 5 - 2
12 of 14
www.diodes.com
May 2021
© Diodes Incorporated
AP3428/A
Package Outline Dimensions (continued)
Please see http://www.diodes.com/package-outlines.html for the latest version.
(2)
Package Type: TSOT25
D
E1
E 1/2
e1
E
E /2
e
A
A2
A1
Seating Plane
0
L2
L
Gauge Plane
01( 4x)
01( 4x)
c
b
Seating Plane
(3)
Package Type: U-DFN2020-6 (Type J)
D
D2
E
e
b
L
E2
A A1
A3
D2/2
E 2/2
R0.
100
Seating Plane
TSOT25
Dim
Min
Max
Typ
A
-
1.00
-
A1
0.01
0.10
-
A2
0.84
0.90
-
b
0.30
0.45
-
c
0.12
0.20
-
D
-
-
2.90
E
-
-
2.80
E1
-
-
1.60
e
0.95 BSC
e1
1.90 BSC
L
0.30
0.50
-
L2
0.25 BSC
θ
0°
8°
4°
θ1
4°
12°
-
All Dimensions in mm
U-DFN2020-6
(Type J)
Dim
Min
Max
Typ
A
0.50
0.60
--
A1
0.00
0.05
0.03
A3
--
--
0.203
b
0.20
0.30
0.25
D
1.95
2.075
2.00
D2
1.45
1.65
1.55
E
1.95
2.075
2.00
E2
0.76
0.96
0.86
e
0.65 BSC
L
0.30
0.40
0.35
All Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com