Electronic Components Datasheet Search
  English  ▼

X  

AP3428 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP3428
Description  1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3428 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP3428 Datasheet HTML 6Page - Diodes Incorporated AP3428 Datasheet HTML 7Page - Diodes Incorporated AP3428 Datasheet HTML 8Page - Diodes Incorporated AP3428 Datasheet HTML 9Page - Diodes Incorporated AP3428 Datasheet HTML 10Page - Diodes Incorporated AP3428 Datasheet HTML 11Page - Diodes Incorporated AP3428 Datasheet HTML 12Page - Diodes Incorporated AP3428 Datasheet HTML 13Page - Diodes Incorporated AP3428 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AP3428/A
Document number: DS37417 Rev. 5 - 2
11 of 14
www.diodes.com
May 2021
© Diodes Incorporated
AP3428/A
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
(1)
Package Type: TSOT25 (Type SM)
P IN # 1
D
e1
e
E1
E
A2
A
A1
L
a
b
c
L1
L2
TSOT25 (Type SM)
Dim
Min
Max
Typ
A
0.70
0.90
--
A1
0.00
0.10
--
A2
0.70
0.80
0.75
b
0.35
0.50
--
c
0.08
0.20
--
D
2.82
3.02
2.92
E
2.65
2.95
2.80
E1
1.60
1.70
1.65
e
0.95 BSC
e1
1.90 BSC
L
0.30
0.60
0.40
L1
0.59 REF
L2
0.25 BSC
a
0°
8°
--
All Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com