Electronic Components Datasheet Search
  English  ▼

X  

AP3428 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3428
Description  1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3428 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3428 Datasheet HTML 1Page - Diodes Incorporated AP3428 Datasheet HTML 2Page - Diodes Incorporated AP3428 Datasheet HTML 3Page - Diodes Incorporated AP3428 Datasheet HTML 4Page - Diodes Incorporated AP3428 Datasheet HTML 5Page - Diodes Incorporated AP3428 Datasheet HTML 6Page - Diodes Incorporated AP3428 Datasheet HTML 7Page - Diodes Incorporated AP3428 Datasheet HTML 8Page - Diodes Incorporated AP3428 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AP3428/A
Document number: DS37417 Rev. 5 - 2
1 of 14
www.diodes.com
May 2021
© Diodes Incorporated
AP3428/A
1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
Description
The AP3428/A is a 1A step-down DC-DC converter. At heavy load,
the constant-frequency PWM control performs excellent stability and
transient response. No external compensation components are
required.
The AP3428/A supports a range of input voltages from 2.5V to 5.5V,
allowing the use of a single Li+/Li-polymer cell, multiple Alkaline/NiMH
cell, and other standard power sources. The output voltage is
adjustable from 0.6V to the input voltage. The AP3428/A employs
internal power switch and synchronous rectifier to minimize external
part count and realize high efficiency. During shutdown, the input is
disconnected from the output and the shutdown current is less than
1μA. Other key features include over-temperature and short circuit
protection, and under-voltage lockout to prevent deep battery
discharge.
The AP3428/A delivers 1A maximum output current while consuming
only 40μA of no-load quiescent current. Ultra-low RDS(ON) integrated
MOSFETs and 100% duty cycle operation make the AP3428/A an
ideal choice for high output voltage, high current applications which
require a low dropout threshold. Pulse skip mode allows to maintain
high efficiency at light-load conditions.
The AP3428/A is available in TSOT25, TSOT25 (Type SM), U-
DFN2020-6 (Type J) packages.
Features
Output Current: Up to 1A
Output Voltage: 0.6V to VIN
Input Voltage: 2.5V to 5.5V
0.6V Reference Voltage with ±2% Precision
40µA (typ) No Load Quiescent Current
Shutdown Current: <1µA
100% Duty Cycle Operation
1.5MHz Switching Frequency
Internal Soft Start
No External Compensation Required
Current Limit Protection
Thermal Shutdown
TSOT25, TSOT25 (Type SM), U-DFN2020-6 (Type J) Packages
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Pin Assignments
(Top View)
TSOT25/TSOT25 (Type SM) for AP3428
(Top View)
TSOT25/TSOT25 (Type SM) for AP3428A
(Top View)
U-DFN2020-6 (Type J)
Applications
Post DC-DC Voltage Regulation
Set Top Boxes
Notebook Computer
PAD
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP3428

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3428 DIODES-AP3428 Datasheet
1,019Kb / 13P
1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
Rev 2
AP3428A DIODES-AP3428A Datasheet
1,019Kb / 13P
1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
Rev 2
AP3428AKTTR-G1 DIODES-AP3428AKTTR-G1 Datasheet
1,019Kb / 13P
1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
Rev 2
logo
TECH PUBLIC Electronics...
AP3428AKTTR-TP TECHPUBLIC-AP3428AKTTR-TP Datasheet
4Mb / 7P
High Efficiency 1.5MHz, 1.5A Synchronous Step Down Regulator
logo
Diodes Incorporated
AP3428DNTR-G1 DIODES-AP3428DNTR-G1 Datasheet
1,019Kb / 13P
1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
Rev 2
More results

Similar Description - AP3428

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
BCD Semiconductor Manuf...
AUR9705 BCDSEMI-AUR9705 Datasheet
580Kb / 14P
1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
AUR9713 BCDSEMI-AUR9713 Datasheet
768Kb / 14P
1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
logo
Richtek Technology Corp...
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
Diodes Incorporated
AP3401 DIODES-AP3401 Datasheet
933Kb / 11P
1.5MHZ, 1A STEP-DOWN DC - DC BUCK CONVERTER
Rev 2
AP3428 DIODES-AP3428 Datasheet
1,019Kb / 13P
1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
Rev 2
logo
E-CMOS Corporation
EC3201S E-CMOS-EC3201S Datasheet
653Kb / 9P
1A, 1.5MHz, Synchronous Step Down DC/DC Converter
logo
Diodes Incorporated
AP3427M DIODES-AP3427M Datasheet
621Kb / 9P
DUAL 1A, 1.5MHz SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
Rev 1
logo
AiT Semiconductor Inc.
A7131 AITSEMI-A7131 Datasheet
672Kb / 12P
DC-DC CONVERTER/ BUCK (STEP-DOWN) 3.0A 1.5MHz SYNCHRONOUS BUCK CONVERTER
REV2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com