Electronic Components Datasheet Search
  English  ▼

X  

AP3428 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP3428
Description  1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3428 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP3428 Datasheet HTML 6Page - Diodes Incorporated AP3428 Datasheet HTML 7Page - Diodes Incorporated AP3428 Datasheet HTML 8Page - Diodes Incorporated AP3428 Datasheet HTML 9Page - Diodes Incorporated AP3428 Datasheet HTML 10Page - Diodes Incorporated AP3428 Datasheet HTML 11Page - Diodes Incorporated AP3428 Datasheet HTML 12Page - Diodes Incorporated AP3428 Datasheet HTML 13Page - Diodes Incorporated AP3428 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AP3428/A
Document number: DS37417 Rev. 5 - 2
10 of 14
www.diodes.com
May 2021
© Diodes Incorporated
AP3428/A
Marking Information (continued)
(1)
TSOT25 for AP3428
(Top View)
(2)
TSOT25 for AP3428A
(Top View)
(3)
U-DFN2020-6 (Type J)
(Top View)
First Line: Logo and Marking ID
First Line: Logo and Marking ID
First Line: Logo and Marking ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com