Electronic Components Datasheet Search
  English  ▼

X  

AP61300 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP61300
Description  2.4V TO 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP61300 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP61300 Datasheet HTML 1Page - Diodes Incorporated AP61300 Datasheet HTML 2Page - Diodes Incorporated AP61300 Datasheet HTML 3Page - Diodes Incorporated AP61300 Datasheet HTML 4Page - Diodes Incorporated AP61300 Datasheet HTML 5Page - Diodes Incorporated AP61300 Datasheet HTML 6Page - Diodes Incorporated AP61300 Datasheet HTML 7Page - Diodes Incorporated AP61300 Datasheet HTML 8Page - Diodes Incorporated AP61300 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
AP61300/AP61302
Document number: DS43404 Rev. 3 - 2
5 of 21
www.diodes.com
November 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP61300/AP61302
Electrical Characteristics (@ TJ = +25°C, VIN = 5V, unless otherwise specified. Min/Max limits apply across the recommended
operating junction temperature range, -40°C to +125°C, and input voltage range, 2.4V to 5.5V, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ISHDN
Shutdown Supply Current
VEN = 0V
—
0.1
—
μA
IQ
Quiescent Supply Current
PFM, VFB = 0.65V
—
19
—
μA
PWM, VFB = 0.65V
—
690
—
μA
POR
VIN Power-on Reset Rising Threshold
—
—
2.3
2.4
V
UVLO
VIN Undervoltage Lockout Falling Threshold
—
—
2.2
—
V
OVPVIN
VIN Overvoltage Rising Threshold
—
—
6.3
—
V
OVPVIN_HYS
VIN Overvoltage Hysteresis
—
—
300
—
mV
RDS(ON)1
High-Side Power MOSFET On-Resistance (Note 8)
—
—
70
—
mΩ
RDS(ON)2
Low-Side Power MOSFET On-Resistance (Note 8)
—
—
50
—
mΩ
IPEAK_LIMIT
HS Peak Current Limit (Note 8)
From Source to Drain
3.5
5.5
—
A
IVALLEY_LIMIT
LS Valley Current Limit (Note 8)
From Source to Drain
—
3.2
—
A
fSW
Oscillator Frequency
VOUT = 1.8V, CCM
—
2.2
—
MHz
tON_MIN
Minimum On-Time
—
—
70
—
ns
tOFF_MIN
Minimum Off-Time
—
—
70
—
ns
VFB
Feedback Voltage
CCM
0.588
0.600
0.612
V
VEN_H
EN Logic High Threshold
—
—
0.91
—
V
VEN_L
EN Logic Low Threshold
—
—
0.83
—
V
tSS
Soft-Start Time
—
—
0.5
—
ms
PGUV_FALL
Undervoltage Falling Threshold
AP61302,
Percent of Output Regulation,
Fault
—
90
—
%
PGUV_RISE
Undervoltage Rising Threshold
AP61302,
Percent of Output Regulation,
Good
—
95
—
%
PGOV_RISE
Overvoltage Rising Threshold
AP61302,
Percent of Output Regulation,
Fault
—
110
—
%
PGOV_FALL
Overvoltage Falling Threshold
AP61302,
Percent of Output Regulation,
Good
—
105
—
%
tPG_RD
Power-Good Rise Delay Time
AP61302
—
40
—
μs
VPG_OL
Power-Good Output Logic Low
AP61302,
IPG = -1mA
—
—
0.4
V
RPG
Power-Good Pull-Up Resistor
AP61302
—
5
—
MΩ
TSD
Thermal Shutdown (Note 8)
—
—
+160
—
°C
THys
Thermal Shutdown Hysteresis (Note 8)
—
—
+30
—
°C
Note:
8. Compliance to the datasheet limits is assured by one or more methods: production test, characterization, and/or design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com