Electronic Components Datasheet Search
  English  ▼

X  

AP61300 Datasheet(PDF) 16 Page - Diodes Incorporated

Part # AP61300
Description  2.4V TO 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP61300 Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button AP61300 Datasheet HTML 12Page - Diodes Incorporated AP61300 Datasheet HTML 13Page - Diodes Incorporated AP61300 Datasheet HTML 14Page - Diodes Incorporated AP61300 Datasheet HTML 15Page - Diodes Incorporated AP61300 Datasheet HTML 16Page - Diodes Incorporated AP61300 Datasheet HTML 17Page - Diodes Incorporated AP61300 Datasheet HTML 18Page - Diodes Incorporated AP61300 Datasheet HTML 19Page - Diodes Incorporated AP61300 Datasheet HTML 20Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
AP61300/AP61302
Document number: DS43404 Rev. 3 - 2
16 of 21
www.diodes.com
November 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP61300/AP61302
Application Information (continued)
9
Setting the Output Voltage
The AP61300/AP61302 has adjustable output voltages, starting from 0.6V, using an external resistive divider. The resistor values of the feedback
network are selected based on a design trade-off between efficiency and output voltage accuracy. There is less current consumption in the
feedback network for high resistor values, which improves efficiency at light loads. However, values too high cause the device to be more
susceptible to noise affecting its output voltage accuracy. R2 can be determined by the following equation:
������������ =
������. ������ ∙ ������������
������������������������ − ������. ������������
Eq. 5
Table 1 shows a list of recommended component selections for common AP61300/AP61302 output voltages referencing Figure 1 and Figure 2.
Table 1. Recommended Component Selections
AP61300/AP61302
Output Voltage (V)
R1 (kΩ)
R2 (kΩ)
L (µH)
C1 (µF)
C2 (µF)
C3 (pF)
AP61300
AP61302
1.0
200.0
301.0
1.0
22
22
OPEN
33
1.2
200.0
200.0
1.0
22
22
OPEN
33
1.5
200.0
133.0
1.0
22
22
OPEN
33
1.8
200.0
100.0
1.0
22
22
OPEN
33
2.5
200.0
63.2
1.0
22
22
OPEN
33
3.3
200.0
44.2
1.0
22
22
OPEN
33
10
Inductor
Calculating the inductor value is a critical factor in designing a buck converter. For most designs, the following equation can be used to calculate
the inductor value:
������ =
������������������������ ∙ (������������������ − ������������������������)
������������������ ∙ ∆������������ ∙ ������������������
Eq. 6
Where:
∆IL is the inductor current ripple
fSW is the buck converter switching frequency
For AP61300/AP61302
, choose ∆IL to be 30% to 50% of the maximum load current of 3A.
The inductor peak current is calculated by:
������������
������������������������ = ������������������������������ +
∆������������
������
Eq. 7
Peak current determines the required saturation current rating, which influences the size of the inductor. Saturating the inductor decreases the
converter efficiency while increasing the temperatures of the inductor and the internal power MOSFETs. Therefore, choosing an inductor with the
appropriate saturation current rating is important. For most applications, it is recommended to select an inductor of approximately 0.47µH to 2.2µH
with a DC current rating of at least 35% higher than the maximum load current. For highest efficiency, the inductor’s DC resistance should be less
than 30
mΩ. Use a larger inductance for improved efficiency under light load conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com