Electronic Components Datasheet Search
  English  ▼

X  

AP61300 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP61300
Description  2.4V TO 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP61300 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP61300 Datasheet HTML 1Page - Diodes Incorporated AP61300 Datasheet HTML 2Page - Diodes Incorporated AP61300 Datasheet HTML 3Page - Diodes Incorporated AP61300 Datasheet HTML 4Page - Diodes Incorporated AP61300 Datasheet HTML 5Page - Diodes Incorporated AP61300 Datasheet HTML 6Page - Diodes Incorporated AP61300 Datasheet HTML 7Page - Diodes Incorporated AP61300 Datasheet HTML 8Page - Diodes Incorporated AP61300 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
AP61300/AP61302
Document number: DS43404 Rev. 3 - 2
3 of 21
www.diodes.com
November 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP61300/AP61302
Pin Descriptions
Pin Name
Pin Number
Function
FB
1
Feedback sensing terminal for the output voltage. Connect this pin to the resistive divider of the output.
See Setting the Output Voltage section for more details.
GND
2
Power Ground.
VIN
3
Power Input. VIN supplies the power to the IC as well as the step-down converter power MOSFETs. Drive VIN with a
2.4V to 5.5V power source. Bypass VIN to GND with a suitably large capacitor to eliminate noise due to the switching
of the IC. See Input Capacitor section for more details.
SW
4
Power Switching Output. SW is the switching node that supplies power to the output. Connect the output LC filter
from SW to the output load.
EN
5
Enable Input. EN is a digital input that turns the regulator on or off. Drive EN high to turn on the regulator and low to
turn it off. EN is used to program the Operation Mode (PFM or PWM). See Enable section for more details.
OUT
(AP61300)
6
Output Voltage Power Rail. Connect OUT to the output load in Figure 1 and do not tie OUT to GND. OUT pin is also
allow for no connect, then C3 must be install as in Figure 2.
PG
(AP61302)
Power-Good. Open drain power-good output that is pulled to GND when the output voltage is out of its regulation
limits or during soft-start.
Functional Block Diagram
EN
SW
VIN
3
0.6V
4
2
GND
+
+
-
+
Control
Logic
SE
OCP
S
VIN
Q
R
Q
SW
On-Time
Compute
One-Shot
Minimum
Off-Time
VIN OVP
UVLO
Internal
Reference
Internal
Soft-Start
0.6V
Q1
Q2
ON
5
MODE
Control
Shutdown
Comparator
DISCHARGE
MODE
FB
OUT
AP61300
1
6
Thermal
Shutdown
5MΩ
VIN
6
PG
AP61302
DISCHARGE
MODE
Figure 5. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com