Electronic Components Datasheet Search
  English  ▼

X  

AP61300 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP61300
Description  2.4V TO 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP61300 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP61300 Datasheet HTML 3Page - Diodes Incorporated AP61300 Datasheet HTML 4Page - Diodes Incorporated AP61300 Datasheet HTML 5Page - Diodes Incorporated AP61300 Datasheet HTML 6Page - Diodes Incorporated AP61300 Datasheet HTML 7Page - Diodes Incorporated AP61300 Datasheet HTML 8Page - Diodes Incorporated AP61300 Datasheet HTML 9Page - Diodes Incorporated AP61300 Datasheet HTML 10Page - Diodes Incorporated AP61300 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
AP61300/AP61302
Document number: DS43404 Rev. 3 - 2
7 of 21
www.diodes.com
November 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP61300/AP61302
Typical Performance Characteristics (AP61300/AP61302 @ TA = +25°C, VIN = 5V, VOUT = 1.8V, BOM = Table 1, PFM,
unless otherwise specified.)
Figure 10. Efficiency vs. Output Current, VIN = 3.3V
Figure 11. Efficiency vs. Output Current, VIN = 5V
Figure 12. Line Regulation
Figure 13. Load Regulation
Figure 14. IQ vs. Temperature
Figure 15. fSW vs. Load
50
55
60
65
70
75
80
85
90
95
100
0.001
0.010
0.100
1.000
10.000
IOUT (A)
VOUT = 2.5V, L = 1
μH
VOUT = 1.8V, L = 1
μH
50
55
60
65
70
75
80
85
90
95
100
0.001
0.010
0.100
1.000
10.000
IOUT (A)
VOUT = 3.3V, L = 1
μH
VOUT = 1.8V, L = 1
μH
1.55
1.60
1.65
1.70
1.75
1.80
1.85
1.90
1.95
2.00
2.05
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VIN (V)
IOUT = 0A
IOUT = 1A
IOUT = 2A
IOUT = 3A
1.70
1.72
1.74
1.76
1.78
1.80
1.82
1.84
1.86
1.88
1.90
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
IOUT (A)
VIN = 5V
VIN = 3.3V
0
5
10
15
20
25
30
35
40
45
50
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
0
250
500
750
1000
1250
1500
1750
2000
2250
2500
0.001
0.010
0.100
1.000
10.000
IOUT (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com