Electronic Components Datasheet Search
  English  ▼

X  

AP61300 Datasheet(PDF) 19 Page - Diodes Incorporated

Part # AP61300
Description  2.4V TO 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP61300 Datasheet(HTML) 19 Page - Diodes Incorporated

Back Button AP61300 Datasheet HTML 13Page - Diodes Incorporated AP61300 Datasheet HTML 14Page - Diodes Incorporated AP61300 Datasheet HTML 15Page - Diodes Incorporated AP61300 Datasheet HTML 16Page - Diodes Incorporated AP61300 Datasheet HTML 17Page - Diodes Incorporated AP61300 Datasheet HTML 18Page - Diodes Incorporated AP61300 Datasheet HTML 19Page - Diodes Incorporated AP61300 Datasheet HTML 20Page - Diodes Incorporated AP61300 Datasheet HTML 21Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
AP61300/AP61302
Document number: DS43404 Rev. 3 - 2
19 of 21
www.diodes.com
November 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP61300/AP61302
Ordering Information
Z6 : SOT563
AP6130X X - X
7 : Tape & Reel
0 : AP61300
2 : AP61302
Package
Packing
Product Version
Part Number
Function
Package
Package Code
Tape and Reel
Quantity
Part Number Suffix
AP61300Z6-7
-
SOT563
Z6
3000
-7
AP61302Z6-7
PG
SOT563
Z6
3000
-7
Marking Information
SOT563
1
2
3
6
4
XX Y W X
XX : Identification Code
Y : Year 0~9
X : Internal Code
( Top View )
5
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
Part Number
Package
Identification Code
AP61300Z6-7
SOT563
HP
AP61302Z6-7
SOT563
HR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com