Electronic Components Datasheet Search
  English  ▼

X  

AP62301 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP62301
Description  4.2V TO 18V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP62301 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP62301 Datasheet HTML 3Page - Diodes Incorporated AP62301 Datasheet HTML 4Page - Diodes Incorporated AP62301 Datasheet HTML 5Page - Diodes Incorporated AP62301 Datasheet HTML 6Page - Diodes Incorporated AP62301 Datasheet HTML 7Page - Diodes Incorporated AP62301 Datasheet HTML 8Page - Diodes Incorporated AP62301 Datasheet HTML 9Page - Diodes Incorporated AP62301 Datasheet HTML 10Page - Diodes Incorporated AP62301 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
AP62300/AP62301/AP62300T
Document number: DS41958 Rev. 3 - 2
7 of 23
www.diodes.com
January 2021
© Diodes Incorporated
AP62300/AP62301/AP62300T
Typical Performance Characteristics (AP62300/AP62301/AP62300T @ TA = +25°C, VIN = 12V, VOUT = 5V,
BOM = Table 1, unless otherwise specified.) (continued)
Figure 10. Startup Using EN, IOUT = 3A
Figure 11. Shutdown Using EN, IOUT = 3A
Figure 12. Output Short Protection, IOUT = 3A
Figure 13. Output Short Recovery, IOUT = 3A
VOUT (2V/div)
VEN (5V/div)
IL (2A/div)
VSW (10V/div)
1ms/div
VEN (5V/div)
VOUT (2V/div)
IL (2A/div)
VSW (10V/div)
100
μs/div
VOUT (2V/div)
IL (5A/div)
VSW (10V/div)
VOUT (2V/div)
5ms/div
IL (5A/div)
VSW (10V/div)
5ms/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com