Electronic Components Datasheet Search
  English  ▼

X  

AP62301 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP62301
Description  4.2V TO 18V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP62301 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP62301 Datasheet HTML 8Page - Diodes Incorporated AP62301 Datasheet HTML 9Page - Diodes Incorporated AP62301 Datasheet HTML 10Page - Diodes Incorporated AP62301 Datasheet HTML 11Page - Diodes Incorporated AP62301 Datasheet HTML 12Page - Diodes Incorporated AP62301 Datasheet HTML 13Page - Diodes Incorporated AP62301 Datasheet HTML 14Page - Diodes Incorporated AP62301 Datasheet HTML 15Page - Diodes Incorporated AP62301 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
AP62300/AP62301/AP62300T
Document number: DS41958 Rev. 3 - 2
12 of 23
www.diodes.com
January 2021
© Diodes Incorporated
AP62300/AP62301/AP62300T
Typical Performance Characteristics (AP62301 @ TA = +25°C, VIN = 12V, VOUT = 5V, BOM = Table 1, unless otherwise
specified.) (continued)
Figure 36. Load Transient, IOUT = 50mA to 500mA to 50mA
Figure 37. Load Transient, IOUT = 2A to 3A to 2A
Figure 38. Load Transient, IOUT = 50mA to 3A to 50mA
VOUT (100mV/div)
IOUT (500mA/div)
100
μs/div
VOUT (100mV/div)
IOUT (1A/div)
100
μs/div
VOUT (200mV/div)
IOUT (2A/div)
100
μs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com