Electronic Components Datasheet Search
  English  ▼

X  

AP62301 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP62301
Description  4.2V TO 18V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP62301 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP62301 Datasheet HTML 6Page - Diodes Incorporated AP62301 Datasheet HTML 7Page - Diodes Incorporated AP62301 Datasheet HTML 8Page - Diodes Incorporated AP62301 Datasheet HTML 9Page - Diodes Incorporated AP62301 Datasheet HTML 10Page - Diodes Incorporated AP62301 Datasheet HTML 11Page - Diodes Incorporated AP62301 Datasheet HTML 12Page - Diodes Incorporated AP62301 Datasheet HTML 13Page - Diodes Incorporated AP62301 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
AP62300/AP62301/AP62300T
Document number: DS41958 Rev. 3 - 2
10 of 23
www.diodes.com
January 2021
© Diodes Incorporated
AP62300/AP62301/AP62300T
Typical Performance Characteristics (AP62301 @ TA = +25°C, VIN = 12V, VOUT = 5V, BOM = Table 1, unless otherwise
specified.)
Figure 26. Efficiency vs. Output Current, VIN = 12V
Figure 27. Line Regulation
Figure 28. Load Regulation
Figure 29. IQ vs. Temperature
Figure 30. fSW vs. Temperature, IOUT = 0A
Figure 31. fSW vs. Load
0
10
20
30
40
50
60
70
80
90
100
0.001
0.010
0.100
1.000
10.000
IOUT (A)
VOUT = 5V, L = 3.3
μH
VOUT = 3.3V, L = 3.3
μH
3.00
3.25
3.50
3.75
4.00
4.25
4.50
4.75
5.00
5.25
5.50
4
6
8
10
12
14
16
18
20
VIN (V)
IOUT = 0A
IOUT = 1A
IOUT = 2A
IOUT = 3A
4.88
4.90
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
IOUT (A)
240
250
260
270
280
290
300
310
320
330
340
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
700
710
720
730
740
750
760
770
780
790
800
-50 -25
0
25
50
75
100 125 150
Temperature (°C)
0
100
200
300
400
500
600
700
800
900
1000
0.010
0.100
1.000
10.000
IOUT (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com