Electronic Components Datasheet Search
  English  ▼

X  

LTM8063 Datasheet(PDF) 5 Page - Analog Devices

Part # LTM8063
Description  40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8063 Datasheet(HTML) 5 Page - Analog Devices

  LTM8063 Datasheet HTML 1Page - Analog Devices LTM8063 Datasheet HTML 2Page - Analog Devices LTM8063 Datasheet HTML 3Page - Analog Devices LTM8063 Datasheet HTML 4Page - Analog Devices LTM8063 Datasheet HTML 5Page - Analog Devices LTM8063 Datasheet HTML 6Page - Analog Devices LTM8063 Datasheet HTML 7Page - Analog Devices LTM8063 Datasheet HTML 8Page - Analog Devices LTM8063 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTM8080
5
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Noise Spectral Density vs CSET
Noise Spectral Density vs IOUT
Noise Spectral Density vs VOUT
VBUS = 2.5V or (VOUT1 + 1V),
whichever is Greater
VOUTn Noise Waveform
(100kHz BW)
Load Transient Response
Start-Up Time with and without
Fast Start-Up
TA = 25°C, VBUS = VOUT1 + 1V, unless otherwise noted.
VIN = 12V
RSET = 33.2k
IOUT = 500mA
COUT = 10F
CSET = 4.7F
CSET = 1F
CSET = 0.47F
CSET = 0.047F
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
0.1
1
10
100
1k
8080 G10
IBUS = 0A
VIN = 12V
RSET = 33.2k
COUT = 10F
CSET = 4.7F
IOUT = 500mA
IOUT = 300mA
IOUT = 100mA
IOUT = 10mA
IOUT = 1mA
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
0.1
1
10
100
1k
8080 G11
IBUS = 0A
VOUT ≥ 1.3V
0.6V ≤ VOUT ≤ 1.3V
VOUT ≤ 0.6V
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
0.1
1
10
100
1k
8080 G12
VIN = 12V
IOUT = 500mA
COUT = 10F
CSET = 4.7F
IBUS = 0A
VIN = 12V
RSET = 33.2k
COUT = 10µF
CSET = 0.47µF
LOAD STEP = 10mA TO 500mA
20µs/DIV
VOUT
20mV/DIV
IOUT
500mA/DIV
8080 G14
IBUS = 0A
VOUTn WITH FAST START-UP
VIN = 5V
RSET = 33.2k
COUT = 10µF
CSET = 4.7µF
ROUT = 6.6
500mV/DIV
2V/DIV
100ms/DIV
8080 G15
VOUTn WITHOUT
FAST START-UP
PULSE RUN
IBUS = 0A
1us/DIV
8080 G13
VBUS
AC-COUPLED
10mV/DIV
VOUT
AC-COUPLED
10V/DIV
VIN = 12V
RSET = 33.2k
CSET = 4.7F
COUT = 10F
IOUT = 500mA
IBUS = 0A
Efficiency vs Load, VBUS = 2.5V
Pulse-Skipping Mode, fSW = 800kHz
Efficiency vs Load, VBUS = 2.8V
Pulse-Skipping Mode, fSW = 900kHz
Efficiency vs Load, VBUS = 3V Pulse-
Skipping Mode, fSW = 1MHz
VIN = 5V
VIN = 12V
VIN = 24V
VIN = 36V
0
0.25
0.50
0.75
1
1.25
1.50
40
45
50
55
60
65
70
75
80
85
90
95
8080 G16
LOAD CURRENT (A)
VIN = 5V
VIN = 12V
VIN = 24V
VIN = 36V
0
0.25
0.50
0.75
1
1.25
1.50
40
45
50
55
60
65
70
75
80
85
90
95
8080 G17
LOAD CURRENT (A)
VIN = 5V
VIN = 12V
VIN = 24V
VIN = 36V
0
0.25
0.50
0.75
1
1.25
1.50
40
45
50
55
60
65
70
75
80
85
90
95
8080 G18
LOAD CURRENT (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com