Electronic Components Datasheet Search
  English  ▼

X  

LTM8063 Datasheet(PDF) 3 Page - Analog Devices

Part # LTM8063
Description  40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8063 Datasheet(HTML) 3 Page - Analog Devices

  LTM8063 Datasheet HTML 1Page - Analog Devices LTM8063 Datasheet HTML 2Page - Analog Devices LTM8063 Datasheet HTML 3Page - Analog Devices LTM8063 Datasheet HTML 4Page - Analog Devices LTM8063 Datasheet HTML 5Page - Analog Devices LTM8063 Datasheet HTML 6Page - Analog Devices LTM8063 Datasheet HTML 7Page - Analog Devices LTM8063 Datasheet HTML 8Page - Analog Devices LTM8063 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTM8080
3
Rev. 0
For more information www.analog.com
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RUN Threshold Voltage
Rising
l
0.9
1.0
1.2
V
RUN Current
RUN = 2V
1
μA
SYNC Threshold Voltage
Synchronization
0.4
1.5
V
SYNC Threshold Voltage
To Enable Spread Spectrum
2.9
4.2
V
SYNC Current
SYNC = 2V
1
μA
SS Current
SS = 0V
2
μA
SS Pull-Down
SS = 0.1V
300
Ω
LDO
Output Voltage Range
l
0
8
V
SET Pin Current (ISET)
IOUT = 1mA, VOUT = 1.3V,
3.5V < VIN < 40V, 0V < VOUT < 8V, 1mA < IOUT < 500mA
l
99
100
101
μA
Fast Start-Up SET Pin Current
VPGFB = 289mV, VOUT = 1.3V
2
mA
Output Current
(Note 3)
500
mA
Output Offset Voltage VOS
(VOUT to VSET)
VIN = 12V, IOUT = 1mA, VOUT = 1.3V
3.5V < VIN < 40V, 0V < VOUT < 8V, 1mA < IOUT < 500mA
l
–1
–2
1
2
mV
mV
Line Regulation: ∆ISET
Line Regulation: ∆VOS
VIN = 3.5V to 40V, IOUT = 1mA, VOUT = 1.3V
VIN = 3.5V to 40V, IOUT = 1mA, VOUT = 1.3V
l
l
0.5
0.5
±2
±3
nA/V
μV/V
Load Regulation: ∆ISET
Load Regulation: ∆VOS
IOUT = 1mA to 500mA, VOUT = 1.3V, VIN = 24V
IOUT = 1mA to 500mA, VOUT = 1.3V , VIN = 24V
l
0.15
0.1
0.5
μA
mV
Output Noise Spectral Density
(Note 4)
IOUT = 500mA, Frequency = 10kHz, COUT = 10µF,
CSET = 0.47µF, 1.3V ≤ VOUT ≤ 15V
IOUT = 500mA, Frequency = 10kHz, COUT = 10µF,
CSET = 0.47µF, 0V ≤ VOUT < 1.3V
2
5
nV/√Hz
nV/√Hz
Output RMS Noise (Note 4)
IOUT = 500mA, BW = 10Hz to 100kHz, COUT = 10µF,
CSET = 4.7µF, 1.3V ≤ VOUT ≤ 15V
IOUT = 500mA, BW = 10Hz to 100kHz, COUT = 10µF,
CSET = 4.7µF, 0V ≤ VOUT < 1.3V
0.8
1.8
µVRMS
µVRMS
Internal Current Limit
700
mA
PGFB Threshold Voltage
Rising
300
mV
PG Leakage Current
VPG = 8V
1
μA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM8080E is guaranteed to meet performance specifications
from 0°C to 125°C internal. Specifications over the full –40°C to
125°C internal operating temperature range are assured by design,
characterization, and correlation with statistical process controls. The
LTM8080I is guaranteed to meet specifications over the full –40°C
to 125°C internal operating temperature range. The LTM8080MP
is guaranteed to meet specifications over the full –55°C to 125°C
internal operating temperature range. Note that the maximum internal
temperature is determined by specific operating conditions in conjunction
with board layout, the rated package thermal resistance and other
environmental factors.
Note 3: The maximum current out of either channel may be limited by the
internal temperature of the LTM8080.
Note 4: Not tested in production.
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V unless otherwise noted (Note 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com