Electronic Components Datasheet Search
  English  ▼

X  

LTM8063 Datasheet(PDF) 9 Page - Analog Devices

Part # LTM8063
Description  40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8063 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTM8063 Datasheet HTML 5Page - Analog Devices LTM8063 Datasheet HTML 6Page - Analog Devices LTM8063 Datasheet HTML 7Page - Analog Devices LTM8063 Datasheet HTML 8Page - Analog Devices LTM8063 Datasheet HTML 9Page - Analog Devices LTM8063 Datasheet HTML 10Page - Analog Devices LTM8063 Datasheet HTML 11Page - Analog Devices LTM8063 Datasheet HTML 12Page - Analog Devices LTM8063 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTM8080
9
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Thermal Derating 36VIN to 1.2VOUT,
VBUS = 2.5V, IBUS = IOUT1,2 = 0.5A
DC3071A Demo Board
Thermal Derating 5VIN to 1.8VOUT,
IBUS = IOUT1,2 = 0.5A
DC3071A Demo Board
Thermal Derating 12VIN to 1.8VOUT,
IBUS = IOUT1,2 = 0.5A
DC3071A Demo Board
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
100
200
300
400
500
600
8080 G46
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
100
200
300
400
500
600
8080 G47
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
100
200
300
400
500
600
8080 G48
Thermal Derating 24VIN to 1.8VOUT,
IBUS = IOUT1,2 = 0.5A
DC3071A Demo Board
Thermal Derating 36VIN to 1.8VOUT,
IBUS = IOUT1,2 = 0.5A
DC3071A Demo Board
Thermal Derating 5VIN to 2.5VOUT,
IBUS = IOUT1,2 = 0.5A
DC3071A Demo Board
Thermal Derating 12VIN to 2.5VOUT,
IBUS = IOUT1,2 = 0.5A
DC3071A Demo Board
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
100
200
300
400
500
600
8080 G49
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
100
200
300
400
500
600
8080 G50
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
100
200
300
400
500
600
8080 G51
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
100
200
300
400
500
600
8080 G52
Thermal Derating 24VIN to 2.5VOUT,
IBUS = IOUT1,2 = 0.5A
DC3071A Demo Board
Thermal Derating 36VIN to 2.5VOUT,
IBUS = IOUT1,2 = 0.5A
DC3071A Demo Board
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
100
200
300
400
500
600
8080 G53
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
100
200
300
400
500
600
8080 G54
TA = 25°C, VBUS = VOUT1 + 1V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com