Electronic Components Datasheet Search
  English  ▼

X  

LTM8063 Datasheet(PDF) 1 Page - Analog Devices

Part # LTM8063
Description  40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8063 Datasheet(HTML) 1 Page - Analog Devices

  LTM8063 Datasheet HTML 1Page - Analog Devices LTM8063 Datasheet HTML 2Page - Analog Devices LTM8063 Datasheet HTML 3Page - Analog Devices LTM8063 Datasheet HTML 4Page - Analog Devices LTM8063 Datasheet HTML 5Page - Analog Devices LTM8063 Datasheet HTML 6Page - Analog Devices LTM8063 Datasheet HTML 7Page - Analog Devices LTM8063 Datasheet HTML 8Page - Analog Devices LTM8063 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTM8080
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
40VIN, Dual 500mA or Single 1A Ultralow
Noise, Ultrahigh PSRR μModule Regulator
The LTM®8080 is a 40VIN, dual 500mA or single 1A
ultralow noise, ultrahigh PSRR µModule® regulator.
LTM8080 has cascaded architecture which contains a
40VIN step-down Silent Switcher regulator with an inte-
grated EMI noise shield followed by dual high-perfor-
mance low dropout linear regulators. The dual LDOs fea-
ture ADI’s ultralow noise and ultrahigh PSRR architecture
for powering noise-sensitive applications. The LTM8080
is an integrated solution comprised of a switcher and
LDOs, which offers both advantages while maintaining a
small size and significantly reduced PCB layout sensitivity.
The package includes the controllers, power switches,
inductors, and support components. In addition, the
LTM8080 has a built-in voltage tracking function that
automatically sets VBUS to either 2.5V nominal or 1V
higher than VOUT1, whichever is greater, to achieve supe-
rior noise performance and minimize power dissipation.
The LTM8080 is packaged in a thermally enhanced,
compact (9mm × 6.25mm × 3.32mm) over-molded
Ball Grid Array (BGA) package suitable for automated
assembly by standard surface mount equipment and is
RoHS compliant.
Noise Spectral Density
APPLICATIONS
n
Dual LDOs Powered by an Integrated Switching
Step-Down Regulator
n
Low Noise Silent Switcher® Architecture with an
Integrated EMI Noise Shield
n
CISPR22 Class B and CISPR25 Class 5 Compliant
n
Ultralow Output RMS Noise: <1μVRMS (10Hz to 100kHz)
n
Ultralow Output Spot Noise: 2nV/√Hz at 10kHz
n
Ultrahigh PSRR: 80dB at 100kHz
n
Wide Input Voltage: 3.5V to 40V
n
Wide Output Voltage: 0V to 8V
n
Dual 500mA Continuous Current at TA = 85°C
n
Voltage Tracking Function to Minimize Power Loss
n
100μA SET Pin Current with ±1% Initial Accuracy
n
Selectable Switching Frequency: 200kHz to 2.2MHz
n
External Synchronization
n
Programmable Power Good
n
Parallelable for Lower Noise and Higher Current
n
9mm × 6.25mm × 3.32mm BGA
n
RF Power Supplies: PLLs, VCOs, Mixers, LNAs
n
Very Low Noise Instrumentation
n
High Speed/High Precision Data Converters
n
Medical Applications: Imaging, Diagnostics
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. patents, including 11258356B2.
8080 TA01a
VIN
RUN
RT
VIN
6V TO
40V
PINS THAT ARE NOT USED IN THIS CIRCUIT: SS, PG1, PG2
SYNC
GND
LTM8080
10µF
33.2k
1µF
(1.2MHz)
VOUT1
SET1
VSNS1
PGFB1
LDO1
LDO2
VOUT2
SET2
VSNS2
PGFB2
33.2k
33.2k
10µF
4.7µF
VOUT1
3.3V
500mA
VBUS
10µF
4.7µF
VOUT2
3.3V
500mA
VBUS
INTEGRATED EMI
NOISE SHIELD
VBUS
VIN = 12V
RSET = 33.2k
IOUT = 500mA
CSET = 4.7F
CSET = 1F
CSET = 0.47F
CSET = 0.047F
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
0.1
1
10
100
1k
8080 TA01b
COUT = 10F
IBUS = 0A
Dual 3.3V/500mA from 6V to 40V Input


Similar Part No. - LTM8063

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8063 LINER-LTM8063 Datasheet
1Mb / 24P
40VIN, 2A Silent Switcher 關Module Regulator
logo
Analog Devices
LTM8063 AD-LTM8063 Datasheet
2Mb / 28P
Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
LTM8063 AD-LTM8063 Datasheet
2Mb / 28P
Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
LTM8063 AD-LTM8063 Datasheet
1Mb / 26P
Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array
Rev. 0
LTM8063 AD-LTM8063 Datasheet
3Mb / 32P
16VIN, 12A Ultralow Noise Silent Switcher 3 μModule Regulator
Rev. 0
More results

Similar Description - LTM8063

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1533 LINER-LT1533 Datasheet
379Kb / 20P
Ultralow Noise 1A Switching Regulator
LT3042 LINER-LT3042_15 Datasheet
900Kb / 30P
20V, 200mA, Ultralow Noise, Ultrahigh PSRR RF Linear Regulator
LT3042EDD LINER-LT3042EDD Datasheet
577Kb / 8P
20V, 200mA, Ultralow Noise Ultrahigh PSRR RF LDO Regulator
LT3045EDD LINER-LT3045EDD Datasheet
1Mb / 8P
20V, 500mA, Ultralow Noise Ultrahigh PSRR RF LDO Regulator
LT3045EDD-1 LINER-LT3045EDD-1 Datasheet
273Kb / 8P
20V, 500mA, Ultralow Noise Ultrahigh PSRR RF LDO Regulator with VIOC
LT3045 LINER-LT3045 Datasheet
2Mb / 32P
20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator
LT3045-1 LINER-LT3045-1 Datasheet
3Mb / 36P
20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
logo
Analog Devices
LT3093 AD-LT3093 Datasheet
4Mb / 32P
Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
LT3094 AD-LT3094 Datasheet
2Mb / 34P
Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
01/19-REV.A
LTM4709 AD-LTM4709 Datasheet
1Mb / 26P
Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com