Electronic Components Datasheet Search
  English  ▼

X  

AP63356 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP63356
Description  3.8V TO 32V INPUT, 3.5A LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP63356 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP63356 Datasheet HTML 8Page - Diodes Incorporated AP63356 Datasheet HTML 9Page - Diodes Incorporated AP63356 Datasheet HTML 10Page - Diodes Incorporated AP63356 Datasheet HTML 11Page - Diodes Incorporated AP63356 Datasheet HTML 12Page - Diodes Incorporated AP63356 Datasheet HTML 13Page - Diodes Incorporated AP63356 Datasheet HTML 14Page - Diodes Incorporated AP63356 Datasheet HTML 15Page - Diodes Incorporated AP63356 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
AP63356/AP63357
Document number: DS41949 Rev. 3 - 2
12 of 29
www.diodes.com
August 2019
© Diodes Incorporated
AP63356/AP63357
Typical Performance Characteristics (AP63357 at TA = +25°C, VIN = 12V, VOUT = 5V, unless otherwise specified.)
Figure 25. Efficiency vs. Output Current, VIN = 12V
Figure 26. Efficiency vs. Output Current, VIN = 24V
Figure 27. Line Regulation, VOUT = 5V
Figure 28. Load Regulation, VOUT = 5V
Figure 29. Feedback Voltage vs. Temperature
Figure 30. IQ vs. Temperature
50
55
60
65
70
75
80
85
90
95
100
0.001
0.010
0.100
1.000
10.000
IOUT (A)
VOUT = 5V, L = 6.8
μH
VOUT = 3.3V, L = 4.7
μH
50
55
60
65
70
75
80
85
90
95
100
0.001
0.010
0.100
1.000
10.000
IOUT (A)
VOUT = 5V, L = 6.8
μH
VOUT = 3.3V, L = 4.7
μH
4.78
4.80
4.82
4.84
4.86
4.88
4.90
4.92
4.94
4.96
4.98
4
8
12
16
20
24
28
32
36
VIN (V)
IOUT = 0A
IOUT = 0.5A
IOUT = 1.5A
IOUT = 2.5A
IOUT = 3.5A
4.84
4.86
4.88
4.90
4.92
4.94
4.96
4.98
5.00
5.02
5.04
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
IOUT (A)
VIN = 12V
VIN = 24V
0.790
0.792
0.794
0.796
0.798
0.800
0.802
0.804
0.806
0.808
0.810
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
14
16
18
20
22
24
26
28
30
32
34
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com