Electronic Components Datasheet Search
  English  ▼

X  

AP63356 Datasheet(PDF) 27 Page - Diodes Incorporated

Part # AP63356
Description  3.8V TO 32V INPUT, 3.5A LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP63356 Datasheet(HTML) 27 Page - Diodes Incorporated

Back Button AP63356 Datasheet HTML 21Page - Diodes Incorporated AP63356 Datasheet HTML 22Page - Diodes Incorporated AP63356 Datasheet HTML 23Page - Diodes Incorporated AP63356 Datasheet HTML 24Page - Diodes Incorporated AP63356 Datasheet HTML 25Page - Diodes Incorporated AP63356 Datasheet HTML 26Page - Diodes Incorporated AP63356 Datasheet HTML 27Page - Diodes Incorporated AP63356 Datasheet HTML 28Page - Diodes Incorporated AP63356 Datasheet HTML 29Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
AP63356/AP63357
Document number: DS41949 Rev. 3 - 2
27 of 29
www.diodes.com
August 2019
© Diodes Incorporated
AP63356/AP63357
Ordering Information
AP6335X XX - X
Package
7: Tape & Reel
DV: V-DFN3020-13
6: AP63356
7: AP63357
Packing
Product Version
Orderable Device
Operation Mode
FSS Feature
Package Code
Tape and Reel
Quantity
Part Number Suffix
AP63356DV-7
PWM Only
Yes
DV
3000
-7
AP63357DV-7
PFM/PWM
Yes
DV
3000
-7
Marking Information
V-DFN3020-13 (Type A)
( Top View )
XX
Y : Year : 0~9
X : Internal Code
XX : Identification Code
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
Y W X
Orderable Device
Package
Identification Code
AP63356DV-7
V-DFN3020-13 (Type A)
J4
AP63357DV-7
V-DFN3020-13 (Type A)
J5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com