Electronic Components Datasheet Search
  English  ▼

X  

AP63356 Datasheet(PDF) 28 Page - Diodes Incorporated

Part # AP63356
Description  3.8V TO 32V INPUT, 3.5A LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP63356 Datasheet(HTML) 28 Page - Diodes Incorporated

Back Button AP63356 Datasheet HTML 21Page - Diodes Incorporated AP63356 Datasheet HTML 22Page - Diodes Incorporated AP63356 Datasheet HTML 23Page - Diodes Incorporated AP63356 Datasheet HTML 24Page - Diodes Incorporated AP63356 Datasheet HTML 25Page - Diodes Incorporated AP63356 Datasheet HTML 26Page - Diodes Incorporated AP63356 Datasheet HTML 27Page - Diodes Incorporated AP63356 Datasheet HTML 28Page - Diodes Incorporated AP63356 Datasheet HTML 29Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
AP63356/AP63357
Document number: DS41949 Rev. 3 - 2
28 of 29
www.diodes.com
August 2019
© Diodes Incorporated
AP63356/AP63357
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
V-DFN3020-13 (Type A)
V-DFN3020-13
Dim
Min
Max
Typ
A
0.75
0.85
0.80
A1
0.00
0.05
0.02
A3
-
-
0.203
b
0.15
0.25
0.20
b2
0.20
0.30
0.25
b3
0.25
0.35
0.30
D
2.95
3.05
3.00
E
1.95
2.05
2.00
e
0.45 BSC
e1
0.575 BSC
e2
0.475 BSC
L
0.35
0.45
0.40
La
0.55
0.65
0.60
Lb
1.475
1.575
1.525
z
-
-
0.125
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
V-DFN3020-13 (Type A)
Dimensions
Value
(in mm)
C
0.45
G
0.15
X
0.30
X1
1.50
X2
1.73
X3
2.85
Y
0.60
Y1
0.80
Y2
0.40
Y3
2.30
A
A1
A3
Seating Plane
D
E
1
e
e1
b(6x)
b2(6x)
b3
e2
R0.150
Pin1 ID
z(4x)
L(6x)
La
Lb
La
13
X3
Y3
Y1(2x)
Y(6x)
X(6x)
X1(2x)
X2
1
C
G
Y2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com