Electronic Components Datasheet Search
  English  ▼

X  

AP63356 Datasheet(PDF) 18 Page - Diodes Incorporated

Part # AP63356
Description  3.8V TO 32V INPUT, 3.5A LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP63356 Datasheet(HTML) 18 Page - Diodes Incorporated

Back Button AP63356 Datasheet HTML 14Page - Diodes Incorporated AP63356 Datasheet HTML 15Page - Diodes Incorporated AP63356 Datasheet HTML 16Page - Diodes Incorporated AP63356 Datasheet HTML 17Page - Diodes Incorporated AP63356 Datasheet HTML 18Page - Diodes Incorporated AP63356 Datasheet HTML 19Page - Diodes Incorporated AP63356 Datasheet HTML 20Page - Diodes Incorporated AP63356 Datasheet HTML 21Page - Diodes Incorporated AP63356 Datasheet HTML 22Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
AP63356/AP63357
Document number: DS41949 Rev. 3 - 2
18 of 29
www.diodes.com
August 2019
© Diodes Incorporated
AP63356/AP63357
Application Information (cont.)
10
Setting the Output Voltage (continued)
Table 2 shows a list of recommended component selections for common AP63356/AP63357 output voltages referencing Figure 40 using external
compensation.
AP63356
AP63357
VIN
EN
SW
BST
FB
GND
PG
COMP
INPUT
C1
R1
C4
R2
L
C3
C2
OUTPUT
R5
C5
C6
Figure 40. Typical Application Circuit Using External Compensation
Table 2. Recommended Components Selections Using External Compensation
AP63356/AP63357
Output Voltage
(V)
R1
(k
)
R2
(k
)
L
(µH)
C1
(µF)
C2
(µF)
C3
(nF)
C4
(pF)
R5
(k
)
C5
(nF)
C6
(pF)
2.5
62
30
3.3
10
2 x 22
100
OPEN
27
3.9
OPEN
3.3
91
30
4.7
10
3 x 22
100
OPEN
27
3.3
OPEN
5.0
157
30
6.8
10
3 x 22
100
OPEN
38
3.3
OPEN
12.0
422
30
10.0
10
4 x 22
100
OPEN
47
6.8
OPEN
11
Inductor
Calculating the inductor value is a critical factor in designing a buck converter. For most designs, the following equation can be used to calculate
the inductor value:
Eq. 7
Where:
∆IL is the inductor current ripple
fSW is the buck converter switching frequency
For AP63356/AP63357
, choose ∆IL to be 30% to 50% of the maximum load current of 3.5A.
The inductor peak current is calculated by:
Eq. 8
Peak current determines the required saturation current rating, which influences the size of the inductor. Saturating the inductor decreases the
converter efficiency while increasing the temperatures of the inductor and the internal power MOSFETs. Therefore, choosing an inductor with the
appropriate saturation current rating is important. For most applications, it is recommended to select an inductor of approximately 2.2µH to 10µH
with a D
C current rating of at least 35% higher than the maximum load current. For highest efficiency, the inductor’s DC resistance should be less
than 3
0mΩ. Use a larger inductance for improved efficiency under light load conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com