Electronic Components Datasheet Search
  English  ▼

X  

AP64100 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP64100
Description  3.8V TO 40V INPUT, 1A LOW IQ SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64100 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP64100 Datasheet HTML 1Page - Diodes Incorporated AP64100 Datasheet HTML 2Page - Diodes Incorporated AP64100 Datasheet HTML 3Page - Diodes Incorporated AP64100 Datasheet HTML 4Page - Diodes Incorporated AP64100 Datasheet HTML 5Page - Diodes Incorporated AP64100 Datasheet HTML 6Page - Diodes Incorporated AP64100 Datasheet HTML 7Page - Diodes Incorporated AP64100 Datasheet HTML 8Page - Diodes Incorporated AP64100 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
AP64100
Document number: DS43571 Rev. 1 - 2
4 of 26
www.diodes.com
March 2021
© Diodes Incorporated
AP64100
Functional Block Diagram
0.88V
OVP
SE = 1.87V/T
FB
COMP
ON
+
-
5
+
+
-
6
CLK
0.8V
EN
3
Error
Amplifier
4
RT/CLK
+
0.8V
VCC
+
-
+
-
VSUM
Control
Logic
Ref
PWM
Comparator
OCP
OVP
TSD
SW
VIN
2
Control
Logic
8
1
7
+
-
CSA
BST
GND
RT = 0.089V/A
1.18V
I1
1.5μA
I2
4μA
20kΩ
+
–
VCC
Regulator
Internal
Reference
Internal SS
Thermal
Shutdown
Oscillator
with PLL
Figure 3. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com