Electronic Components Datasheet Search
  English  ▼

X  

AP64100 Datasheet(PDF) 16 Page - Diodes Incorporated

Part # AP64100
Description  3.8V TO 40V INPUT, 1A LOW IQ SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64100 Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button AP64100 Datasheet HTML 12Page - Diodes Incorporated AP64100 Datasheet HTML 13Page - Diodes Incorporated AP64100 Datasheet HTML 14Page - Diodes Incorporated AP64100 Datasheet HTML 15Page - Diodes Incorporated AP64100 Datasheet HTML 16Page - Diodes Incorporated AP64100 Datasheet HTML 17Page - Diodes Incorporated AP64100 Datasheet HTML 18Page - Diodes Incorporated AP64100 Datasheet HTML 19Page - Diodes Incorporated AP64100 Datasheet HTML 20Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
AP64100
Document number: DS43571 Rev. 1 - 2
16 of 26
www.diodes.com
March 2021
© Diodes Incorporated
AP64100
Application Information (continued)
13
Input Capacitor
The input capacitor reduces both the surge current drawn from the input supply as well as the switching noise from the device. The input capacitor
must sustain the ripple current produced during the on-time of Q1. It must have a low ESR to minimize power dissipation due to the RMS input
current.
The RMS current rating of the input capacitor is a critical parameter and must be higher than the RMS input current. As a rule of thumb, select an
input capacitor with an RMS current rating greater than half of the maximum load current.
Due to large dI/dt through the input capacitor, electrolytic or ceramic capacitors with low ESR should be used. If using a tantalum capacitor, it must
be surge protected or else capacitor failure could occur. Using a ceramic capacitor of 20µF or greater is sufficient for most applications.
14
Output Capacitor
The output capacitor keeps the output voltage ripple small, ensures feedback loop stability, and reduces both the overshoots and undershoots of
the output voltage during load transients. During the first few microseconds of an increasing load transient, the converter recognizes the change
from steady-state and enters 100% duty cycle to supply more current to the load. However, the inductor limits the change to increasing current
depending on its inductance. Therefore, the output capacitor supplies the difference in current to the load during this time. Likewise, during the first
few microseconds of a decreasing load transient, the converter recognizes the change from steady-state and sets the on-time to minimum to
reduce the current supplied to the load. However, the inductor limits the change in decreasing current as well. Therefore, the output capacitor
absorbs the excess current from the inductor during this time.
The effective output capacitance, COUT, requirements can be calculated from the equations below.
The ESR of the output capacitor dominates the output voltage ripple. The amount of ripple can be calculated by:
������������������������������������������������������������ = ∆������������ ∙ (������������������ +
������
������ ∙ ������������������ ∙ ������������������������
)
Eq. 10
Output capacitors with large capacitance and low ESR are the best option. For most applications, a total capacitance of 22µF using ceramic
capacitors is sufficient. To meet the load transient requirements, the calculated COUT should satisfy the following inequality:
������������������������ > ������������������ (
������ ∙ ������������������������������������
������
∆������������������������������������������������������������ ∙ ������������������������
,
������ ∙ ������������������������������������
������
∆������������������������������������������������������������������ ∙ (������������������ − ������������������������)
)
Eq. 11
Where:
ITrans is the load transient
∆VOvershoot is the maximum output overshoot voltage
∆VUndershoot is the maximum output undershoot voltage
15
Bootstrap Capacitor and Low-Dropout (LDO) Operation
To ensure proper operation, a ceramic capacitor must be connected between the BST and SW pins to supply the drive voltage for the high-side
power MOSFET. A 100nF ceramic capacitor is sufficient. If the bootstrap capacitor voltage falls below 2.3V, the boot undervoltage protection
circuit turns Q2 on for 300ns to refresh the bootstrap capacitor and raise its voltage back above 2.55V. The bootstrap capacitor threshold voltage
is always maintained to ensure enough driving capability for Q1. This operation may arise during long periods of no switching such as in PFM with
light load conditions. Another event that requires the refreshing of the bootstrap capacitor is when the input voltage drops close to the output
voltage. Under this condition, the regulator enters low-dropout mode by holding Q1 on for multiple clock cycles. To prevent the bootstrap capacitor
from discharging, Q2 is forced to refresh. The effective duty cycle is approximately 100% so that it acts as an LDO to maintain the output voltage
regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com