Electronic Components Datasheet Search
  English  ▼

X  

AP64100 Datasheet(PDF) 25 Page - Diodes Incorporated

Part # AP64100
Description  3.8V TO 40V INPUT, 1A LOW IQ SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64100 Datasheet(HTML) 25 Page - Diodes Incorporated

Back Button AP64100 Datasheet HTML 18Page - Diodes Incorporated AP64100 Datasheet HTML 19Page - Diodes Incorporated AP64100 Datasheet HTML 20Page - Diodes Incorporated AP64100 Datasheet HTML 21Page - Diodes Incorporated AP64100 Datasheet HTML 22Page - Diodes Incorporated AP64100 Datasheet HTML 23Page - Diodes Incorporated AP64100 Datasheet HTML 24Page - Diodes Incorporated AP64100 Datasheet HTML 25Page - Diodes Incorporated AP64100 Datasheet HTML 26Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
AP64100
Document number: DS43571 Rev. 1 - 2
25 of 26
www.diodes.com
March 2021
© Diodes Incorporated
AP64100
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SO-8EP (Standard)
SO-8EP (Standard)
Dim
Min
Max
Typ
A1
0.00
0.13
—
A2
1.35
1.55
1.45
b
0.30
0.51
0.40
c
0.15
0.25
0.20
D
4.70
5.10
4.90
D1
2.75
3.35
3.05
E
5.80
6.20
6.00
E1
3.80
4.00
3.85
E2
2.11
2.71
2.41
e
—
—
1.27
L
0.40
1.27
0.72
a
0°
8°
4°
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SO-8EP (Standard)
Dimensions
Value
(in mm)
C
1.270
X
0.802
X1
3.502
X2
4.612
Y
1.505
Y1
2.613
Y2
6.500
Mechanical Data
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads, Solderable per MIL-STD-202, Method 208
Weight: 0.081 grams (Approximate)
b
e
E1
A1
0.250
D
E
A2
c
OPTION A
(TOP VIEW)
OPTION B
(TOP VIEW)
OPTION A
(BOTTOM VIEW)
OPTION B
(BOTTOM VIEW)
Gauge Plane
a
D1
E2
L
C
Y1
X1
X
Y
Y2
X2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com