Electronic Components Datasheet Search
  English  ▼

X  

AP64100 Datasheet(PDF) 20 Page - Diodes Incorporated

Part # AP64100
Description  3.8V TO 40V INPUT, 1A LOW IQ SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64100 Datasheet(HTML) 20 Page - Diodes Incorporated

Back Button AP64100 Datasheet HTML 16Page - Diodes Incorporated AP64100 Datasheet HTML 17Page - Diodes Incorporated AP64100 Datasheet HTML 18Page - Diodes Incorporated AP64100 Datasheet HTML 19Page - Diodes Incorporated AP64100 Datasheet HTML 20Page - Diodes Incorporated AP64100 Datasheet HTML 21Page - Diodes Incorporated AP64100 Datasheet HTML 22Page - Diodes Incorporated AP64100 Datasheet HTML 23Page - Diodes Incorporated AP64100 Datasheet HTML 24Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
AP64100
Document number: DS43571 Rev. 1 - 2
20 of 26
www.diodes.com
March 2021
© Diodes Incorporated
AP64100
Application Information (continued)
16
External Loop Compensation Design (continued)
The following is an example of how to choose component values for external loop compensation. Actual component values used in the application
circuit may vary slightly from the calculated first-order approximation equations.
Let the following conditions be defined:
VIN = 12V
VOUT = 2.5V
IOUT = 1A
fSW = 500kHz
fC = 20kHz
R1 = 21.5
kΩ
R2 = 10
kΩ
L = 10µH
C2 =
22µF (Effectively, COUT ≈ 15µF)
RC ≈ 5mΩ
AP64100
VIN
EN
SW
BST
FB
GND
INPUT
R1
21.5kΩ
C4
R2
10kΩ
L
10μH
C3
100nF
C2
22µF
C1
2 x 10µF
OUTPUT
VOUT
2.5V
RT/CLK
COMP
R5
C5
RT
200kΩ
C6
VIN
12V
Figure 30. Example Circuit for Loop Compensation Calculations
The calculations of the main component values involved in the external loop compensation, R5 and C5, are required. If the optional C4 and C6
capacitors are used, their calculations are also required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com