Electronic Components Datasheet Search
  English  ▼

X  

AP64100 Datasheet(PDF) 18 Page - Diodes Incorporated

Part # AP64100
Description  3.8V TO 40V INPUT, 1A LOW IQ SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64100 Datasheet(HTML) 18 Page - Diodes Incorporated

Back Button AP64100 Datasheet HTML 14Page - Diodes Incorporated AP64100 Datasheet HTML 15Page - Diodes Incorporated AP64100 Datasheet HTML 16Page - Diodes Incorporated AP64100 Datasheet HTML 17Page - Diodes Incorporated AP64100 Datasheet HTML 18Page - Diodes Incorporated AP64100 Datasheet HTML 19Page - Diodes Incorporated AP64100 Datasheet HTML 20Page - Diodes Incorporated AP64100 Datasheet HTML 21Page - Diodes Incorporated AP64100 Datasheet HTML 22Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
AP64100
Document number: DS43571 Rev. 1 - 2
18 of 26
www.diodes.com
March 2021
© Diodes Incorporated
AP64100
Application Information (continued)
16
External Loop Compensation Design (continued)
+
–
gm
VOUT
R1
R2
VREF
C4
R5
C5
C6
Error
Amplifier
+
–
+
RT
SE
PWM
Comparator
VSUM
FB
Figure 29. Type ll Compensator
Figure 29 shows a Type ll compensator. Its transfer function is expressed in the following equation:
������������(������) ∙ ������(������) =
������������ ∙ ������������
������ ∙ (������������ + ������������) ∙ (������������ + ������������)
(������ +
������
������������������
) (������ +
������
������������������
)
(������ +
������
������������������
) (������ +
������
������������������
)
Eq. 12
Where the poles and zeroes are:
������������������ =
������
������������ ∙ ������������
Eq. 13
������������������ =
������
������������ ∙ ������������
Eq. 14
������������������ =
������������ + ������������
������������ ∙ ������������ ∙ ������������
Eq. 15
������������������ =
������������ + ������������
������������ ∙ ������������ ∙ ������������
Eq. 16
The goal of loop compensation design is to achieve:
High DC Gain
Gain Margin less than -10dB
Phase Margin greater than 45°
Loop Bandwidth Crossover Frequency (fC) less than 10% of fSW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com