Electronic Components Datasheet Search
  English  ▼

X  

LT1007X Datasheet(PDF) 4 Page - Analog Devices

Part # LT1007X
Description  ±60V Fault Tolerant RS485/RS422 Transceiver with Operation to 175°C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1007X Datasheet(HTML) 4 Page - Analog Devices

  LT1007X Datasheet HTML 1Page - Analog Devices LT1007X Datasheet HTML 2Page - Analog Devices LT1007X Datasheet HTML 3Page - Analog Devices LT1007X Datasheet HTML 4Page - Analog Devices LT1007X Datasheet HTML 5Page - Analog Devices LT1007X Datasheet HTML 6Page - Analog Devices LT1007X Datasheet HTML 7Page - Analog Devices LT1007X Datasheet HTML 8Page - Analog Devices LT1007X Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LTC2879X
4
Rev 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fMAX
Maximum Data Rate
(Note 3)
l
20
Mbps
Driver
tPLHD, tPHLD
Driver Input to Output
VCC = 3.3V or 5V (Figure 5)
l
13
50
ns
ΔtPD
Driver Input to Output Difference
|tPLHD – tPHLD|
(Figure 5)
l
2
9
ns
tSKEWD
Driver Output A to Output B
(Figure 5)
l
±9
ns
tRD, tFD
Driver Rise or Fall Time
VCC = 3.3V or 5V (Figure 5)
l
4
16
ns
tZLD, tZHD,
tLZD, tHZD
Driver Enable or Disable Time
RE = 0V (Figure 6)
l
180
ns
tZHSD, tZLSD
Driver Enable from Shutdown
RE = High (Figure 6)
l
15
µs
tSHDND
Time to Shutdown with DE
RE = High (Figure 6)
l
180
ns
Receiver
tPLHR, tPHLR
Receiver Input to Output
VCM = 2.25V, (A–B) = ±1.5V,
tR and tF < 4ns, VCC = 3.3V or 5V (Figure 7)
l
50
75
ns
ΔtPR
Receiver Input to Output Difference
|tPLHR – tPHLR|
(Figure 7)
l
2
14
ns
tZLR, tZHR,
tLZR, tHZR
Receiver Enable/Disable Time
DE = High (Figure 8)
l
40
ns
tZHSR, tZLSR
Receiver Enable from Shutdown
DE = 0V, (Figure 9)
l
9
µs
tSHDNR
Time to Shutdown with RE
DE = 0V, (Figure 9)
l
40
ns
SWITCHING CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to device ground unless
otherwise specified.
Note 3: Not tested in production.
Note 4: The dependency on edge rate is tested indirectly.
Note 5: The LTC2879X is guaranteed over the full –55°C to 175°C
operating temperature range. High junction temperatures degrade
operating lifetimes. Operating lifetime is derated at junction temperatures
greater than 125°C. The LTC2879X has no thermal shutdown.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ESD (Note 3)
ESD Protection Level of Interface Pins
(A, B)
Human Body Model to GND or VCC
Powered or Unpowered
±26
kV
Human Body Model to GND, Unpowered
±52
kV
ESD Protection Level of All Other Pins
(DE, DI, RE, VCC)
Human Body Model
±15
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com