Electronic Components Datasheet Search
  English  ▼

X  

LT1007X Datasheet(PDF) 16 Page - Analog Devices

Part # LT1007X
Description  ±60V Fault Tolerant RS485/RS422 Transceiver with Operation to 175°C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1007X Datasheet(HTML) 16 Page - Analog Devices

Back Button LT1007X Datasheet HTML 10Page - Analog Devices LT1007X Datasheet HTML 11Page - Analog Devices LT1007X Datasheet HTML 12Page - Analog Devices LT1007X Datasheet HTML 13Page - Analog Devices LT1007X Datasheet HTML 14Page - Analog Devices LT1007X Datasheet HTML 15Page - Analog Devices LT1007X Datasheet HTML 16Page - Analog Devices LT1007X Datasheet HTML 17Page - Analog Devices LT1007X Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
LTC2879X
16
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 14 shows an unprotected LTC2879X struck repeat-
edly with 26kV from an ESD gun using air discharge to
illustrate the strike energy. The device continues to func-
tion normally after the strikes, without damage or cycling
the power.
EFT
Electrical fast transients can result from arcing contacts
in switches and relays, common when switching induc-
tive loads. The IEC standard for EFT is IEC61000-4-4 and
specifies a repetitive burst pattern lasting 60 seconds. The
LTC2879X is robust to EFT events and passes the highest
level recognized in the IEC standard: level 4, ±2kV on the
A and B pins, without any external protection.
PROFIBUS APPLICATIONS
The LTC2879X meets the requirements for PROFIBUS appli-
cations for all data rates up to 12Mbps over the full tem-
perature range. Unlike some RS485 transceivers that claim
PROFIBUS compliance but test only to RS485 standards, the
LTC2879X is tested to the specifications for PROFIBUS-DP
masters and PROFIBUS-DP slaves, fully compatible with IEC
61158-2, Type 3: medium attachment unit: asynchronous
transmission, wire medium. These tests are performed using
specific PROFIBUS loads to ensure compliance.
When using the LTC2879X in PROFIBUS applications,
beware that the naming convention for PROFIBUS wires
is opposite to convention commonly used for RS485. In
standard installations, connect the LTC2879X A pin to the
B wire (red) and the LTC2879X B pin to the A wire (green).
For more information on PROFIBUS applications, refer to
the LTC2876/LTC2877 data sheet.
3.3V OPERATION
The LTC2879X can be used with a supply voltage as low
as 3.0V in RS485 installations. Reducing the supply volt-
age reduces the driver output signal swing below what
is specified in the RS485 standard but still produces
signals much larger than the 200mV minimum signal
swing required at the receiver input. A plot in the Typical
Performance Characteristics section shows the driver
output signal for 3.3V and 5V supply voltages.
3.3V-powered LTC2879X devices can be mixed with other
RS485 transceivers running from 5V on the same network.
There is no concern for the higher voltage of a 5V node
overdriving the 3.3V node due to the overvoltage-tolerant
design of the LTC2879X, as illustrated in Figure 13.
One advantage to using a lower supply voltage is reduced
VCC current draw. VCC supply currents are roughly propor-
tional to the applied supply voltage when the LTC2879X
is driving loads. The Typical Performance Characteristics
section shows the typical power supply currents versus
transmission rates for 3.3V and 5V supplies.
PROFIBUS installations that use the LTC2879X with sup-
ply voltages less than 4.5V, may fall out of compliance to
the PROFIBUS specification.
HIGH SPEED CONSIDERATIONS
A ground plane layout with a 0.1µF bypass capacitor
placed less than 7mm away from VCC is recommended.
The PC board traces connected to signal A and B should
be symmetrical and as short as possible to maintain good
differential signal integrity. To minimize capacitive effects,
the differential signals should be separated by more than
the width of a trace and should not be routed on top of
each other if they are on different signal planes.
Care should be taken to route the outputs away from the
sensitive inputs to reduce feedback effects that might
cause noise, jitter, and even oscillations. For example, DI
and RO should not be routed next to each other or next
to A and B.
Logic inputs have a typical hysteresis of about 150mV to
provide noise immunity. Fast edges on the outputs can
cause glitches in the ground and power supplies which
are exacerbated by capacitive loading. If a logic input is
held near its threshold (typically VCC/2), a noise glitch
from a driver transition may exceed the hysteresis levels
on the logic and data input pins, causing an unintended
state change. This can be avoided by maintaining normal
logic levels on the pins and by slewing inputs faster than
1V/µs. Good supply decoupling and proper driver termi-
nation also reduces glitches caused by driver transitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com