Electronic Components Datasheet Search
  English  ▼

X  

LT1007X Datasheet(PDF) 1 Page - Analog Devices

Part # LT1007X
Description  ±60V Fault Tolerant RS485/RS422 Transceiver with Operation to 175°C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1007X Datasheet(HTML) 1 Page - Analog Devices

  LT1007X Datasheet HTML 1Page - Analog Devices LT1007X Datasheet HTML 2Page - Analog Devices LT1007X Datasheet HTML 3Page - Analog Devices LT1007X Datasheet HTML 4Page - Analog Devices LT1007X Datasheet HTML 5Page - Analog Devices LT1007X Datasheet HTML 6Page - Analog Devices LT1007X Datasheet HTML 7Page - Analog Devices LT1007X Datasheet HTML 8Page - Analog Devices LT1007X Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LTC2879X
1
Rev 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
±60V Fault Tolerant
RS485/RS422 Transceiver
with Operation to 175°C
The LTC®2879X is a rugged RS485/RS422 transceiver
designed to operate over a wide temperature range of
–55°C to 175°C. Special processing steps are used to
prevent intermetallic growth that can cause metal voids
on standard parts operating at high temperatures. Low-
drift, low-leakage circuitry and lack of a thermal shutdown
circuit allow the LTC2879X to meet critical specifications,
tested 100% at 175°C.
The LTC2879X also meets the specifications for
PROFIBUS-DP (IEC 61158-2) supporting all data rates
from 9.6kbps to 12Mbps.
The LTC2879X is exceptionally robust, tolerating ±60V
faults on the bus pins and protected to ±52kV ESD. These
devices are suitable for harsh environments or where 24V
power might be inadvertently connected. Extended ±25V
input common mode operating range and full failsafe
operation improve data communication reliability in noisy
systems.
The LTC2879X meets RS485, RS422, and PROFIBUS-DP
specifications with a supply voltage of 4.5V to 5.5V with
full RS485/RS422 compatibility down to 3V.
APPLICATIONS
n
Guaranteed Operation from –55°C to 175°C
n
Fully Tested at 175°C
n
Protected from Overvoltage Line Faults to ±60V
n
±52kV ESD Interface Pins, ±15kV All Other Pins
n
Level 4 IEC61000-4-4 Electrical Fast Transient
n
±25V Working Common Mode Range
n
20Mbps Maximum Baud Rate
n
Operates with VCC from 3V to 5.5V
n
PROFIBUS IEC 61158-2 Compliant (VCC ≥ 4.5V)
n
Fully Balanced Differential Receiver Thresholds with
240mV Hysteresis for Superior Noise Tolerance and
Low Duty Cycle Distortion
n
Receiver Failsafe for Open, Shorted and Terminated
Conditions
n
Available in a Tiny 3mm × 3mm MSOP Package
n
Oil and Gas Exploration
n
High Temperature Industrial Control
n
PROFIBUS-DP
n
Military Systems
n
Harsh Environments
All registered trademarks and trademarks are the property of their respective owners.
VCC
GND
DI
RE
RO
DE
B
A
0.1µF
LTC2879X
SENSOR
120
3V TO 5.5V
RS485
CABLE
ZO = 120Ω
µC
120
2879X TA01a
175°C, 20Mbps, VCC = 5V
50ns/DIV
DI
5V/DIV
A AND B
2V/DIV
RO
5V/DIV
A–B
2V/DIV
2879X TA01b
RL = 54
CL = 100pF (FIGURE 5)


Similar Part No. - LT1007X

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1007X LINER-LT1007X Datasheet
54Kb / 1P
Low Noise 200째C Op Amp
LT1007X LINER-LT1007X Datasheet
154Kb / 1P
Low Noise 200C Op Amp
LT1007XH LINER-LT1007XH Datasheet
54Kb / 1P
Low Noise 200째C Op Amp
LT1007X LINER-LT1007X_15 Datasheet
154Kb / 1P
Low Noise 200C Op Amp
More results

Similar Description - LT1007X

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1785 LINER-LT1785 Datasheet
196Kb / 12P
60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_1 Datasheet
194Kb / 16P
60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_15 Datasheet
262Kb / 18P
60V Fault Protected RS485/RS422 Transceivers
LT1785A LINER-LT1785A_15 Datasheet
262Kb / 18P
60V Fault Protected RS485/RS422 Transceivers
LT1791 LINER-LT1791_15 Datasheet
262Kb / 18P
60V Fault Protected RS485/RS422 Transceivers
LT1791A LINER-LT1791A_15 Datasheet
262Kb / 18P
60V Fault Protected RS485/RS422 Transceivers
LTC2862 LINER-LTC2862_15 Datasheet
386Kb / 26P
60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2863 LINER-LTC2863_15 Datasheet
386Kb / 26P
60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2865 LINER-LTC2865_15 Datasheet
386Kb / 26P
60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
logo
Analog Devices
LTC2862A AD-LTC2862A_V01 Datasheet
999Kb / 24P
±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com