Electronic Components Datasheet Search
  English  ▼

X  

LT1007X Datasheet(PDF) 14 Page - Analog Devices

Part # LT1007X
Description  ±60V Fault Tolerant RS485/RS422 Transceiver with Operation to 175°C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1007X Datasheet(HTML) 14 Page - Analog Devices

Back Button LT1007X Datasheet HTML 10Page - Analog Devices LT1007X Datasheet HTML 11Page - Analog Devices LT1007X Datasheet HTML 12Page - Analog Devices LT1007X Datasheet HTML 13Page - Analog Devices LT1007X Datasheet HTML 14Page - Analog Devices LT1007X Datasheet HTML 15Page - Analog Devices LT1007X Datasheet HTML 16Page - Analog Devices LT1007X Datasheet HTML 17Page - Analog Devices LT1007X Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
LTC2879X
14
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
driven by two independent signals with a timing skew
between them.
This shutdown mode delay does not affect the outputs of
the transmitter and receiver, which start to switch to the
high impedance state upon the reception of their respec-
tive disable signals as defined by the parameters tSHDND
and tSHDNR. The shutdown mode delay affects only the
time when all the internal circuits that draw DC power
from VCC are turned off.
POWER-UP/DOWN GLITCH-FREE OUTPUTS
The LTC2879X employs an undervoltage detection circuit
to control the activation of the on-chip circuitry. During
power-up, A, B, and RO are undriven, until the VCC supply
reaches a voltage sufficient to reliably operate the chip.
In this mode, only the internal pull-up resistor on RO
and the receiver input resistance to ground on A and B
offer weak conduction paths at those pins. As the supply
voltage rises above the undervoltage threshold, and if
the device is configured for drive mode, the A and B pins
become active and are driven to a state that reflects the
input condition on DI. Likewise, if the device is config-
ured for receive mode, the RO pin is driven high or low
to reflect the state of the differential voltage across A–B.
During power down, the reverse occurs; the supply
undervoltage detection circuit senses low supply voltage
and immediately puts the chip into shutdown. The driver
and receiver outputs go to the undriven state. RO is pulled
up through the internal 250k pull-up resistor and A, B are
pulled low through the 125k receiver input resistors.
If the LTC2879X is powered or depowered when config-
ured for shutdown (RE = 0V and/or DE = VCC) then RO, A
and B will remain in the undriven state, without glitching
high or low during the supply transition. This allows the
powering and depowering of the LTC2879X when con-
nected onto a live network without disturbing the lines.
±60V FAULT PROTECTION
TIA/EIA-485-A specifies that ground shifts between two
devices on a network can be as large as –7V to +12V
during operation. Most RS485 transceivers cannot safely
tolerate voltages on their interface pins that are much
higher than this range. However, industrial installations
may encounter voltages much greater than this.
The LTC2879X A and B pins can be safely shorted to
voltages as high as ±60V. This extreme level of fault
protection is achieved by using a high voltage BiCMOS
integrated circuit technology. The naturally high break-
down voltage of this technology provides protection in
powered off and high impedance conditions. Figure 13
further illustrates how the driver and receiver inputs tol-
erate large voltages above the supply and below ground
VCC
VCC
A B
20:1
DIVIDE
VCC
FROM DI
INPUT CIRCUITS
LTC2879X
SIMPLIFIED DRIVER
OUTPUT STAGE
LTC2879X
SIMPLIFIED RECEIVER
INPUT STAGE
20:1
DIVIDE
2879X F13
TO RO
OUTPUT CIRCUITS
Figure 13. Internal Circuit Structure at A/B Pins that Tolerates Large Positive and Negative Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com