Electronic Components Datasheet Search
  English  ▼

X  

LT1007X Datasheet(PDF) 6 Page - Analog Devices

Part # LT1007X
Description  ±60V Fault Tolerant RS485/RS422 Transceiver with Operation to 175°C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1007X Datasheet(HTML) 6 Page - Analog Devices

Back Button LT1007X Datasheet HTML 2Page - Analog Devices LT1007X Datasheet HTML 3Page - Analog Devices LT1007X Datasheet HTML 4Page - Analog Devices LT1007X Datasheet HTML 5Page - Analog Devices LT1007X Datasheet HTML 6Page - Analog Devices LT1007X Datasheet HTML 7Page - Analog Devices LT1007X Datasheet HTML 8Page - Analog Devices LT1007X Datasheet HTML 9Page - Analog Devices LT1007X Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LTC2879X
6
Rev 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Receiver Propagation Delay
vs Temperature
Receiver Propagation Delay
Difference vs Temperature
Receiver Output Voltage
vs Output Current (Source and Sink)
Receiver Output Voltage
vs VCC Voltage
Driver Output Skew
vs Temperature
Driver Output Propagation Delay
Difference vs Temperature
TA = 25°C. VCC = 5V, unless otherwise noted. (Note 2)
VCC = 3.3V
VCC = 5V
TEMPERATURE (°C)
–60 –30
0
30
60
90 120 150 180
–5
–4
–3
–2
–1
0
1
2
3
4
5
2879X G10
VCC = 3.3V
VCC = 5V
TEMPERATURE (°C)
–60 –30
0
30
60
90 120 150 180
–5
–4
–3
–2
–1
0
1
2
3
4
5
2879X G11
VCC = 3.3V
VCC = 5V
TEMPERATURE (°C)
–60 –30
0
30
60
90 120 150 180
40
45
50
55
60
2879X G12
VCC = 3.3V
VCC = 5V
TEMPERATURE (°C)
–60 –30
0
30
60
90 120 150 180
–5
–4
–3
–2
–1
0
1
2
3
4
5
2879X G13
OUTPUT CURRENT (ABSOLUTE VALUE, mA)
0
0
3
2
1
4
5
6
2
4
6
2879X G14
8
VCC = 5.5V (RO HIGH, SOURCING)
VCC = 3V (RO HIGH, SOURCING)
VCC = 3V TO 5.5V (OUTPUT LOW SINKING)
VCC (V)
3
3.5
4
4.5
5
5.5
0
50
100
150
200
2879X G15
VOL FOR I(RO) = –2mA
VCC–VOH FOR I(RO) = –2mA
VOL FOR I(RO) = +3mA
VCC–VOH FOR I(RO) = +3mA
Driver Propagation Delay
vs Temperature
VCC = 3.3V
VCC = 5V
TEMPERATURE (°C)
–60 –30
0
30
60
90 120 150 180
0
3
6
9
12
15
18
21
24
27
30
2879X G9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com