Electronic Components Datasheet Search
  English  ▼

X  

LTC2876 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC2876
Description  ±60V Fault Tolerant RS485/RS422 Transceiver with Operation to 175°C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2876 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC2876 Datasheet HTML 3Page - Analog Devices LTC2876 Datasheet HTML 4Page - Analog Devices LTC2876 Datasheet HTML 5Page - Analog Devices LTC2876 Datasheet HTML 6Page - Analog Devices LTC2876 Datasheet HTML 7Page - Analog Devices LTC2876 Datasheet HTML 8Page - Analog Devices LTC2876 Datasheet HTML 9Page - Analog Devices LTC2876 Datasheet HTML 10Page - Analog Devices LTC2876 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LTC2879X
7
Rev 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
175°C, 12Mbps, VCC = 3.3V
PROFIBUS Operation at 12Mbps
VCC = 5V
175°C, 20Mbps, VCC = 3.3V
50°C, 20Mbps, VCC = 3.3V
Eye Diagram of 12Mbps PRBS Signal at
Both Ends of 100m PROFIBUS Cable
175°C, 12Mbps, VCC = 5V
TA = 25°C. VCC = 5V, unless otherwise noted. (Note 2)
50ns/DIV
DI
5V/DIV
RO
5V/DIV
A–B
1V/DIV
2879X G16
RL = 54
CL = 100pF (FIGURE 5)
A AND B
1V/DIV
50ns/DIV
DI
5V/DIV
B
1V/DIV
A
1V/DIV
2879X G20
DOUBLE PROFIBUS TERMINATION
RCABLE = 0 (FIGURE 1)
50ns/DIV
DI
5V/DIV
A AND B
1V/DIV
RO
5V/DIV
A–B
1V/DIV
2879X G18
RL = 54
CL = 100pF (FIGURE 5)
50ns/DIV
DI
5V/DIV
A AND B
2V/DIV
RO
5V/DIV
A–B
2V/DIV
2879X G17
RL = 54
CL = 100pF (FIGURE 5)
20ns/DIV
A–B
2V/DIV
A–B
2V/DIV
2879X G21
NEAR END
FAR END
50ns/DIV
DI
5V/DIV
A AND B
1V/DIV
RO
5V/DIV
A–B
1V/DIV
2879X G19
RL = 54
CL = 100pF (FIGURE 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com