Electronic Components Datasheet Search
  English  ▼

X  

LTC2876 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC2876
Description  ±60V Fault Tolerant RS485/RS422 Transceiver with Operation to 175°C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2876 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC2876 Datasheet HTML 4Page - Analog Devices LTC2876 Datasheet HTML 5Page - Analog Devices LTC2876 Datasheet HTML 6Page - Analog Devices LTC2876 Datasheet HTML 7Page - Analog Devices LTC2876 Datasheet HTML 8Page - Analog Devices LTC2876 Datasheet HTML 9Page - Analog Devices LTC2876 Datasheet HTML 10Page - Analog Devices LTC2876 Datasheet HTML 11Page - Analog Devices LTC2876 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LTC2879X
8
Rev 0
For more information www.analog.com
PIN FUNCTIONS
RO (Pin 1): Receiver Output. If the receiver is enabled
(RE low) and A–B > 200mV, then RO will be high. If
A–B < –200mV, then RO will be low. If the receiver inputs
are open, shorted, or terminated without being driven for
more than about 1.5µs, RO will be high. Integrated 250k
pull-up resistor to supply.
RE (Pin 2): Receiver Enable. A low input enables the
receiver. A high input forces the receiver output into a
high impedance state. If RE is high with DE low, the device
enters a low power shutdown state. Integrated 500k pull-
up resistor to supply.
DE (Pin 3): Driver Enable. A high input on DE enables the
driver. A low input forces the driver outputs into a high
impedance state. If DE is low with RE high, the device
enters a low power shutdown state. Integrated 500k pull-
down resistor to ground.
DI (Pin 4): Driver Input. If the driver outputs are enabled
(DE high), then a low on DI drives a negative differential
voltage between A and B. A high on DI, with the driver out-
puts enabled, drives a positive differential voltage between
A and B. Integrated 500k pull-up resistor to supply.
GND (Pin 5, 9): Ground
A (Pin 6): Non-Inverting Receiver Input and Non-Inverting
Driver Output. For use in a PROFIBUS network, connect
this to the B wire (red, positive).
B (Pin 7): Inverting Receiver Input and Inverting Driver
Output. For use in a PROFIBUS network, connect this to
the A wire (green, negative).
VCC (Pin 8): Power Supply. 3.0V ≤ VCC ≤ 5.5V. Bypass
with a 0.1µF ceramic capacitor to GND.
Exposed Pad (Pin 9): Must be connected to GND.
BLOCK DIAGRAM
LTC2879X
DI
VCC
VCC
GND
RE
RO
DE
3V TO 5.5V
VCC
VCC
MODE
CONTROL
DRIVER
RECEIVER
B
A
2879X BD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com