Electronic Components Datasheet Search
  English  ▼

X  

LTC2876 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC2876
Description  ±60V Fault Tolerant RS485/RS422 Transceiver with Operation to 175°C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2876 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC2876 Datasheet HTML 7Page - Analog Devices LTC2876 Datasheet HTML 8Page - Analog Devices LTC2876 Datasheet HTML 9Page - Analog Devices LTC2876 Datasheet HTML 10Page - Analog Devices LTC2876 Datasheet HTML 11Page - Analog Devices LTC2876 Datasheet HTML 12Page - Analog Devices LTC2876 Datasheet HTML 13Page - Analog Devices LTC2876 Datasheet HTML 14Page - Analog Devices LTC2876 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LTC2879X
11
Rev 0
For more information www.analog.com
TEST CIRCUITS
2879X F07
LOW
LOW
LOW
A–B
RO
1.5V
–1.5V
VCC
0
0V
tPLHR
∆tPR = |tPLHR – tPHLR|
tPHLR
½VCC
½VCC
VCC
DI
RE
RO
DE
LTC2879X
15pF
B
A
±(A–B)/2
±(A–B)/2
VCM
Figure 7. Receiver Propagation Delay Measurements
2879X F08
RE
RO
0V
0V
VCC
½VCC
½VCC
VCC
VOL
VOH
RO
tZLR
tZHR
tLZR
0.5V
0.5V
tHZR
½VCC
VCC
DI
RE
RO
DE
HIGH
LOW OR
HIGH
LTC2879X
15pF
1k
VCC FOR DI LOW
GND FOR DI HIGH
B
A
Figure 8. Receiver Enable and Disable Timing Measurements
2879X F09
RE
RO
0V
0V
VCC
½VCC
½VCC
VCC
VOL
VOH
RO
tZLSR
tZHSR
tSHDNR
0.5V
0.5V
tSHDNR
½VCC
VCC
DI
RE
RO
DE
LOW
LOW
LTC2879X
15pF
1k
VCC FOR CASE1
GND FOR CASE2
CASE 1
B
A
0V
VCC
CASE 2
VCC
0V
Figure 9. Receiver Shutdown Timing Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com