Electronic Components Datasheet Search
  English  ▼

X  

LTC2876 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC2876
Description  ±60V Fault Tolerant RS485/RS422 Transceiver with Operation to 175°C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2876 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC2876 Datasheet HTML 5Page - Analog Devices LTC2876 Datasheet HTML 6Page - Analog Devices LTC2876 Datasheet HTML 7Page - Analog Devices LTC2876 Datasheet HTML 8Page - Analog Devices LTC2876 Datasheet HTML 9Page - Analog Devices LTC2876 Datasheet HTML 10Page - Analog Devices LTC2876 Datasheet HTML 11Page - Analog Devices LTC2876 Datasheet HTML 12Page - Analog Devices LTC2876 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LTC2879X
9
Rev 0
For more information www.analog.com
TEST CIRCUITS
A
B
CM
0
A–B
VOD(485)+
∆|VOC(485)|
VOD(485)–
MEASUREMENTS TAKEN AT STEADY STATE
FOR RS422 MEASUREMENTS, SUBSTITUTE 485 WITH 422 IN THIS FIGURE.
VOD(485) = A–B
∆|VOD(485)| = |VOD(485)+ – VOD(485)–|
2879X F01
VCC
DI
RE
RO
DE
B
A
HIGH
HIGH
LTC2879X
+–
CM
VOD(485)
RL
RL
VOC(485)
0
B´
A´
B´– A´
0
B´PP
VOD(PP)
A´PP
VBPP–APP = |B´PP – A´PP|
VBPP+APP = B´PP + A´PP
MEASUREMENTS TAKEN AT STEADY STATE
2879X F02
VCC
DI
RE
RO
DE
B
A
A WIRE
B WIRE
HIGH
HIGH
LTC2879X
+–
390
390
220
RCABLE
RCABLE
B´
A´
VCC
390
390
220
VCC
Figure 1. Driver Output Voltages in RS485 and RS422 Configurations
Figure 2. Driver Differential Output Voltages for PROFIBUS Load
2879X F03
VCC
DI
RE
RO
DE
HIGH
HIGH OR LOW
HIGH
LTC2879X
IOSD
B
A
+– –60VTO+60V
Figure 3. Driver Output Short-Circuit Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com