Electronic Components Datasheet Search
  English  ▼

X  

LTC2876 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC2876
Description  ±60V Fault Tolerant RS485/RS422 Transceiver with Operation to 175°C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2876 Datasheet(HTML) 3 Page - Analog Devices

  LTC2876 Datasheet HTML 1Page - Analog Devices LTC2876 Datasheet HTML 2Page - Analog Devices LTC2876 Datasheet HTML 3Page - Analog Devices LTC2876 Datasheet HTML 4Page - Analog Devices LTC2876 Datasheet HTML 5Page - Analog Devices LTC2876 Datasheet HTML 6Page - Analog Devices LTC2876 Datasheet HTML 7Page - Analog Devices LTC2876 Datasheet HTML 8Page - Analog Devices LTC2876 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LTC2879X
3
Rev 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Δ|VOD(485)|,
Δ|VOD(422)|
RS485, RS422 Change in Magnitude of
Driver Differential Output Voltage
RL = 27Ω (RS485) or
RL = 50Ω (RS422) (Figure 1)
l
0.2
V
VOC(485),
VOC(422)
RS485, RS422 Driver Common-Mode
Output Voltage
RL = 27Ω (RS485) or
RL = 50Ω (RS422) (Figure 1)
l
3
V
Δ|VOC(485)|,
Δ|VOC(422)|
RS485, RS422 Change in Magnitude of
Driver Common-Mode Output Voltage
RL = 27Ω (RS485) or
RL = 50Ω (RS422) (Figure 1)
l
0.2
V
VOD(PP)
Differential Bus Output Voltage (B´–A´)
with PROFIBUS Load
PROFIBUS LOAD (Figure 2)
RCABLE = 0Ω, VCC = 4.5V to 5.5V
RCABLE = 5.5Ω, VCC = 4.5V to 5.5V
RCABLE = 11Ω, VCC = 4.75V to 5.5V
l
l
l
4
4
4
7
7
7
VP-P(DIFF)
VP-P(DIFF)
VP-P(DIFF)
VBPP-APP
Single-Ended Bus Output Amplitude
Difference (B´PP – A´PP)
All of the Conditions Above
l
0.5
V
VBPP+APP
Single-Ended Bus Output Amplitude
Sum |B´PP + A´PP|
All of the Conditions Above
l
4
V
Differential Capacitance (A to B)
(Note 3)
Powered, VCC = 5V
Unpowered, VCC = 0V
7
12
pF
pF
IOSD
Maximum Driver Short-Circuit Current
–60V ≤ (A or B) ≤ 60V (Figure 3)
l
±150
±250
mA
Receiver
IIN
Input Current (A, B)
VCC = 0V or 5V, VBUS = 12V (Figure 4)
VCC = 0V or 5V, VBUS = –7V (Figure 4)
l
l
–194
333
µA
µA
RIN
Input Resistance
VBUS = –25V or 25V (Figure 4)
l
36
112
135
kΩ
VCM
Common Mode Input Voltage
(A+B)/2 for Data Reception
l
±25
V
VTS+
Differential Input Signal Threshold
Voltage (A–B) Rising
–25V ≤ VCM ≤ 25V, Edge Rates > 100mV/µs
(Note 4) (Figure 12)
l
40
120
200
mV
VTS–
Differential Input Signal Threshold
Voltage (A–B) Falling
–25V ≤ VCM ≤ 25V, Edge Rates > 100mV/µs
(Note 4) (Figure 12)
l
–40
–120
–200
mV
ΔVTS
Differential Input Signal Hysteresis
Edge Rates > 100mV/µs (Note 4) (Figure 12)
240
mV
VTFS+
Differential Input Failsafe Threshold
Voltage (A–B) Rising
–25V ≤ VCM ≤ 25V, DC Bus Voltages
(Figure 12)
l
–10
–75
–200
mV
VTFS–
Differential Input Failsafe Threshold
Voltage (A–B) Falling
–25V ≤ VCM ≤ 25V, DC Bus Voltages
(Figure 12)
l
–40
–120
–200
mV
ΔVTFS
Differential Input Failsafe Hysteresis
DC Bus Voltages (Figure 12)
45
mV
VOH
Receiver Output High Voltage
VCC ≥ 3.0V, I(RO) = –3mA
l
VCC – 0.4V
V
VOL
Receiver Output Low Voltage
VCC ≥ 3.0V, I(RO) = 3mA
l
0.4
V
Receiver Three-State (High Impedance)
Output Current on RO
RE = High, RO = 0V
l
–20
–40
µA
Receiver Three-State (High Impedance)
Output Current on RO
RE = High, RO = VCC
l
0
5
µA
Receiver Short-Circuit Current
RE = Low, RO = 0V or VCC
l
±12
±20
mA
Logic
Low Level Input Voltage (DE, DI, RE)
3.0 ≤ VCC ≤ 5.5V
l
0.25 • VCC
V
High Level Input Voltage (DE, DI, RE)
3.0 ≤ VCC ≤ 5.5V
l
0.75 • VCC
V
Logic Input Current Low (DE)
DE = 0V
l
0
–5
µA
Logic Input Current Low (DI, RE)
DI or RE = 0V
l
–3
–10
–20
µA
Logic Input Current High (DE)
DE = VCC
l
3
10
20
µA
Logic Input Current High (DI, RE)
(DI, RE) = VCC
l
0
5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com