Electronic Components Datasheet Search
  English  ▼

X  

FAW Datasheet(PDF) 5 Page - DIWELL Electronics Co., Ltd.

Part # FAW
Description  10W WIDE INPUT RANGE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

FAW Datasheet(HTML) 5 Page - DIWELL Electronics Co., Ltd.

  FAW Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 8Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 9Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DANUBE
http://www.danube.com.tw
2013/10/29
5
 SELECTION GUIDE(4)
4:1 8W-10W OUTPUT
INPUT
13
CURRENT(mA)
MODEL NUMBER
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAG
E
(VDC)
OUTPUT
CURRENT
(mA)
FULL
LOAD
NO
LOAD
EFF
(%)
14
CAPACITOR
LOAD MAX.
FAWS-1203.3T(A)(-3K)
9-36
3.3
2400
880
40
76
2700uF
FAWS-1205T(A)(-3K)
9-36
5
2000
1082
40
77
2700uF
FAWS-1209T(A)(-3K)
9-36
9
1111
1065
40
78
2200uF
FAWS-1212T(A)(-3K)
9-36
12
830
1054
40
79
1800uF
FAWS-1215T(A)(-3K)
9-36
15
670
1041
40
80
1500uF
FAWS-1224T(A)(-3K)
9-36
24
417
1057
40
79
1000uF
FAWD-1205T(A)(-3K)
9-36
+/-5
+/-1000
1082
40
77
+/-1200uF
FAWD-1209T(A)(-3K)
9-36
+/-9
+/-556
1063
40
78
+/-1000uF
FAWD-1212T(A)(-3K)
9-36
+/-12
+/-416
1041
40
80
+/-820uF
FAWD-1215T(A)(-3K)
9-36
+/-15
+/-333
1028
40
81
+/-680uF
FAWS-2403.3T(A)(-3K)
18-72
3.3
2400
434
20
76
2700uF
FAWS-2405T(A)(-3K)
18-72
5
2000
527
20
79
2700uF
FAWS-2409T(A)(-3K)
18-72
9
1111
515
20
81
2200uF
FAWS-2412T(A)(-3K)
18-72
12
830
520
20
80
1800uF
FAWS-2415T(A)(-3K)
18-72
15
670
514
20
81
1500uF
FAWS-2424T(A)(-3K)
18-72
24
417
510
20
81
1000uF
FAWD-2405T(A)(-3K)
18-72
+/-5
+/-1000
527
20
79
+/-1200uF
FAWD-2409T(A)(-3K)
18-72
+/-9
+/-556
525
20
79
+/-1000uF
FAWD-2412T(A)(-3K)
18-72
+/-12
+/-416
520
20
80
+/-820uF
FAWD-2415T(A)(-3K)
18-72
+/-15
+/-333
514
20
81
+/-680uF
Note: Other input to output voltages may be available. Please contact factory.
ORDERING INFORMATION:
FOR EXAMPLE:
FAW*-****A(PACKAGE “A”
For REMOTE CONTROL)
FAW*-*****-3K(Isolation Voltage For 3000VDC)
13 NOMINAL INPUT VOLTAGE.
14 NOMINAL INPUT VOLTAGE,FULL LOAD.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com