Electronic Components Datasheet Search
  English  ▼

X  

FAW Datasheet(PDF) 8 Page - DIWELL Electronics Co., Ltd.

Part # FAW
Description  10W WIDE INPUT RANGE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

FAW Datasheet(HTML) 8 Page - DIWELL Electronics Co., Ltd.

  FAW Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 8Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 9Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DANUBE
http://www.danube.com.tw
2013/10/29
8
 TYPICAL PERFORMANCE CURVES
Specifications typical at Ta=25
OC, nominal input voltage , rated output current unless otherwise specified.
OUTPUT LOAD VS EFFICIENCY
TEMPERATURE DERATING
0.0
20.0
40.0
60.0
80.0
0
20
40
60
80
100
% OF RATED LOAD(%)
0.0
2.0
4.0
6.0
8.0
10.0
-25
0
25
50
70
90
TA(degree C)
 INPUT FUSE SELECTION GUIDE
4.7-7.25V
INPUT VOLTAGE(VDC)
9-18V or 9-27V or 9-36V
INPUT VOLTAGE(VDC)
18-36V or 18-54V or 18-72V
INPUT VOLTAGE(VDC)
36-72V
INPUT VOLTAGE(VDC)
3800mA Slow-Blow Type
2000mA Slow-Blow Type
900mA Slow-Blow Type
450mA Slow-Blow Type
DC-DC
CONVERTER
+Vin
-Vin
+Vout
-Vout
OUTPUT
Fuse
INPUT
Note: Certain applications may require the installation of external fuse in front of the input.
FAW SERIES APPLICATION NOTES:
EXTERNAL CAPACITANCE REQUIREMENTS:
No external capacitance is required for operation of the FAW series.
To meet the reflected ripple requirements of the converter, an input impedance of less than 0.5 ohm
from DC to 220KHz is required.
External output capacitance is not required for operation, however it is recommended that 10uF
tantalum and 0.1uF ceramic capacitance be selected for reduced system noise.
Additional output capacitance may be added for increased filtering, but should not exceed 1000uF.
We Can Offer EMC-Filter According To EN55011/22 Class B.
Negative Outputs:
A negative output voltage may be obtained by connecting the +OUT to circuit ground and
connecting –OUT as the negative output.
FOR MORE INFORMATION CALL:
Danube Enterprise Co., Ltd.
Tel: 886-7-3755165
Fax: 886-7-3755330
E-mail: danube@ms10.hinet.net
Home Page
http://www.danube.com.tw
SAFE
OPERATING
AREA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com