Electronic Components Datasheet Search
  English  ▼

X  

FAW Datasheet(PDF) 1 Page - DIWELL Electronics Co., Ltd.

Part # FAW
Description  10W WIDE INPUT RANGE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

FAW Datasheet(HTML) 1 Page - DIWELL Electronics Co., Ltd.

  FAW Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 8Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 9Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DANUBE
http://www.danube.com.tw
2013/10/29
1
FEATURES
10W DIL PACKAGE
INDUSTRY STANDARD PACKAGE
9-18V,18-36V,36-72V,9-27V,18-54V,
9-36V,18V-72V WIDE INPUT RANGE
SHORT CIRCUIT PROTECTION
REGULATED OUTPUT
100% BURN IN
HIGH EFFICIENCY
UL 94V-0 PACKAGE MATERIAL
CUSTOM SOLUTIONS AVAILABLE
RoHS COMPLIANT
3 YEARS WARRANTY
OUTPUT SPECIFICATIONS
INPUT SPECIFICATIONS
Voltage Setpoint Accuracy
+/-2% max Input Voltage Range
2:1 3:1 4:1 Input Range
Temperature Coefficient
+/-0.05%/°C Input Filter
Pi Network
Ripple & Noise(20MHz BW)
1
100mVp-p max Protection
Fuse Recommended
Line Regulation
2
+/-0.5% max
GENERAL SPECIFICATIONS
Load Regulation
3
+/-0.5% max Efficiency
70% min
Minimum Load
10% of Full Load Isolation Voltage
4
1500 VDC min
Standard Models
Short Circuit Protection
Continuous
3000 VDC min
Suffix “3K” Models
Short Circuit Restart
Automatic Isolation Resistance
10
9
ohms min
Over Load Protection
180% Typ Isolation Capacitance
500pF max
Transient Response
5
200uS max Switching Frequency
200 KHz min
MTBF
6
>342,000 Hours
Weight
31.2g Typ
ENVIRONMENTAL SPECIFICATIONS
Case Material
Six-Side Shielded Case
Operating Temperature
-25°C to +71°C Case Size
50.8mm*25.4mm*11.2mm
Storage Temperature
-55°C to +125°C Potting Material
Epoxy(UL94-V0)
Humidity
95% max Conducted Emissions
EN55022 Class A
Cooling
Free-Air Convection Radiated Emissions
EN55022 Class A
REMOTE CONTROL
Suffix “A” Models
ON
2.5 to 5.5Vdc or open circuit
OFF
0 to 0.8Vdc
ALL SPECIFICATIONS TYPICAL AT NOMINAL LINE, FULL LOAD , AND 25°C UNLESS OTHERWISE NOTED.
1
Measured with 1uF ceramic capacitor connect to the output pins.
2 High Line to Low Line.
3 Load Regulation is for output load current change from 10% to 100%.
4 1500VDC for 10 seconds,3000VDC for 3 seconds.
5 25% Step Load Change.
6 MIL-HDBK-217F @25°C , Ground Benign.
FAW SERIES
10W WIDE INPUT RANGE


Similar Part No. - FAW

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
FAW.LM.368.XLC LEMO-FAW.LM.368.XLC Datasheet
64Kb / 3P
M - Rugged Ratchet coupling
logo
Power Systems GmbH+Co.K...
FAWD-1205 POWER-SYSTEMS-FAWD-1205 Datasheet
221Kb / 6P
DC-DC Converter UNIT 10W WIDE INPUT RANGE DC-DC CONVERTER
FAWD-1205T POWER-SYSTEMS-FAWD-1205T Datasheet
221Kb / 6P
DC-DC Converter UNIT 10W WIDE INPUT RANGE DC-DC CONVERTER
FAWD-1212 POWER-SYSTEMS-FAWD-1212 Datasheet
221Kb / 6P
DC-DC Converter UNIT 10W WIDE INPUT RANGE DC-DC CONVERTER
FAWD-1212T POWER-SYSTEMS-FAWD-1212T Datasheet
221Kb / 6P
DC-DC Converter UNIT 10W WIDE INPUT RANGE DC-DC CONVERTER
More results

Similar Description - FAW

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW5000 MINMAX-MIW5000 Datasheet
243Kb / 8P
10W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MKW1000 MINMAX-MKW1000 Datasheet
250Kb / 8P
10W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Artesyn Technologies
BXA10 ARTESYN-BXA10 Datasheet
70Kb / 3P
8-10W Wide Input DC/DC Converters
logo
Emerson Network Power
ALO20F36 EMERSON-NETWORKPOWER-ALO20F36 Datasheet
117Kb / 2P
Wide Range Input
logo
MicroPower Direct, LLC
B1000RW MPD-B1000RW Datasheet
74Kb / 2P
Compact 1 x 2 Inch 10W Wide Input Range DC/DC Converters
logo
Power Systems GmbH+Co.K...
FAWS-1203.3 POWER-SYSTEMS-FAWS-1203.3 Datasheet
221Kb / 6P
DC-DC Converter UNIT 10W WIDE INPUT RANGE DC-DC CONVERTER
logo
XP Power Limited
QSB30024S05 XPPOWER-QSB30024S05 Datasheet
148Kb / 4P
Wide Input Range
QSB300 XPPOWER-QSB300 Datasheet
148Kb / 4P
Wide Input Range
logo
GAPTEC Electronic GmbH ...
10DRW4 GAPTEC-10DRW4 Datasheet
2Mb / 5P
10W - Single Output - Wide Input - Isolated & Regulated
10S8W GAPTEC-10S8W Datasheet
2Mb / 4P
10W - Single Output - Wide Input - Isolated & Regulated
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com