Electronic Components Datasheet Search
  English  ▼

X  

FAW Datasheet(PDF) 6 Page - DIWELL Electronics Co., Ltd.

Part # FAW
Description  10W WIDE INPUT RANGE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

FAW Datasheet(HTML) 6 Page - DIWELL Electronics Co., Ltd.

  FAW Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 8Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 9Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
DANUBE
http://www.danube.com.tw
2013/10/29
6
 MECHANICAL DIMENSIONS &
RECOMMENDED FOOTPRINT DETAILS
PIN
SINGLE
DUAL
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
NO PIN
Common
5
-Vout
-Vout
NOTE:
Pin Size is Tolerance 1.0Φ ±0.10mm
All Dimensions In mm(Inches)
Tolerance .X
or
.XX= ±0.80mm
GRID : 2.54mm
1
5
TOP VIEW
2
4
3
 MECHANICAL DIMENSIONS &
RECOMMENDED FOOTPRINT DETAILS
REMOTE CONTROL (Standard Models)
PACKAGE ”A”
PIN
SINGLE
DUAL
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
NO PIN
Common
5
-Vout
-Vout
6
Remote ON/OFF
NOTE:
Pin Size is Tolerance 1.00Φ ±0.10mm
All Dimensions In mm(Inches)
Tolerance .X
or
.XX= ±0.80mm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com