Electronic Components Datasheet Search
  English  ▼

X  

FAW Datasheet(PDF) 3 Page - DIWELL Electronics Co., Ltd.

Part # FAW
Description  10W WIDE INPUT RANGE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

FAW Datasheet(HTML) 3 Page - DIWELL Electronics Co., Ltd.

  FAW Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 8Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 9Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DANUBE
http://www.danube.com.tw
2013/10/29
3
 SELECTION GUIDE(2)
2:1 8W-10W OUTPUT
INPUT
9
CURRENT(mA)
MODEL NUMBER
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(mA)
FULL
LOAD
NO
LOAD
EFF
(%)
10
CAPACITOR
LOAD MAX.
FAWS-4803.3(A)(-3K)
36-72
3.3
2400
217
20
76
1000uF
FAWS-4805(A)(-3K)
36-72
5
2000
264
20
79
1000uF
FAWS-4809(A)(-3K)
36-72
9
1111
254
20
80
470uF
FAWS-4812(A)(-3K)
36-72
12
830
254
20
82
330uF
FAWS-4815(A)(-3K)
36-72
15
670
254
20
82
330uF
FAWS-4824(A)(-3K)
36-72
24
416
264
20
82
330uF
FAWD-4805(A)(-3K)
36-72
+/-5
+/-1000
262
20
79
+/-470uF
FAWD-4809(A)(-3K)
36-72
+/-9
+/-556
254
20
80
+/-220uF
FAWD-4812(A)(-3K)
36-72
+/-12
+/-416
254
20
82
+/-100uF
FAWD-4815(A)(-3K)
36-72
+/-15
+/-333
257
20
81
+/-100uF
FAWD-4824(A)(-3K)
36-72
+/-24
+/-208
254
20
82
+/-100uF
Note: Other input to output voltages may be available. Please contact factory.
ORDERING INFORMATION:
FOR EXAMPLE:
FAW*-****A(PACKAGE “A”
For REMOTE CONTROL)
FAW*-*****-3K(Isolation Voltage For 3000VDC)
9 NOMINAL INPUT VOLTAGE.
10 NOMINAL INPUT VOLTAGE,FULL LOAD.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com