Electronic Components Datasheet Search
  English  ▼

X  

LCS7262C Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # LCS7262C
Description  Off-Line LLC Switcher ICs with Integrated 600 V FREDFETs Synchronous Rectification and FluxLink Feedback
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS7262C Datasheet(HTML) 5 Page - Power Integrations, Inc.

  LCS7262C Datasheet HTML 1Page - Power Integrations, Inc. LCS7262C Datasheet HTML 2Page - Power Integrations, Inc. LCS7262C Datasheet HTML 3Page - Power Integrations, Inc. LCS7262C Datasheet HTML 4Page - Power Integrations, Inc. LCS7262C Datasheet HTML 5Page - Power Integrations, Inc. LCS7262C Datasheet HTML 6Page - Power Integrations, Inc. LCS7262C Datasheet HTML 7Page - Power Integrations, Inc. LCS7262C Datasheet HTML 8Page - Power Integrations, Inc. LCS7262C Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Rev. D 11/22
5
HiperLCS-2
www.power.com
HiperLCS-2 Basic Operation
The HiperLCS-2 is designed for half-bridge LLC converters, which are
high-efficiency resonant ZVS, variable frequency converters.
HiperLCS-2 comes as a chipset with two devices: the power-device,
and the isolation device. The power-device (LCS726x) is on the
primary side of the isolation barrier and includes an LLC controller
with built-in high-side and low-drivers and half-bridge power-MOSFETs.
The isolation-device (LSR2000) straddles the isolation barrier to
facilitate communications to the power-device (primary device). The
isolation-device also includes the secondary controller and SR-driver.
The HiperLCS-2 is able to operate with nominal frequencies of up to
240 kHz. It offers extremely high conversion efficiency coupled with
low-component count and rugged protection features.
HiperLCS-2 Primary-Side Power-Device Operation
Start-Up Self-Bias
The HiperLCS-2 provides self-powered start-up. This means that the
system provides a high-voltage bus to the HD pin and the HiperLCS-2
device will take care the rest. Self-powering is accomplished using
internal high-voltage current sources. The first current source is
connected between HD and the BPL pin. When voltage is applied to
HD, the BPL will begin to charge any capacitance connected to this
pin. There is a low pre-charge current which allows initial charging
voltage to be established, and then as BPL voltage increases, this
charge current is stepped to a much higher level allowing faster
start-up times. This higher current capability of the BPL charging also
allows the HiperLCS-2 to provide bias power to a PFC stage and allow
the PFC to begin switching prior to the HiperLCS-2. Once the BPL
self-charge reaches the target voltage it will enter hysteretic control.
The internal current source is disabled during normal operation once
an external bias (from a transformer bias winding), becomes active.
The BPH pin is charged in very similar way to BPL, but the charge
current from HD to BPH is lower. The BPH pin internal charge current
will likewise be disabled once external bias becomes available.
In order to begin switching of an LLC converter ideally, we would
prefer the half-bridge and resonant capacitor voltages to be in a
known condition (preferably close to zero). The HiperLCS-2 achieves
this using a high-voltage current source connected to the HB pin.
This HB current source pre-conditions the resonant tank components
pulling current to ground (return), prior to beginning switching. Doing
this means that at initial start or restart, the HiperLCS-2 always starts
with known tank conditions. The result is that the HiperLCS-2 can
achieve resonant switching on the second switch edge. The
pre-condition HB-current source is active prior to switching while the
high-side device is below UV condition.
After all the charging conditions are complete and all undervoltage
conditions are cleared, HiperLCS-2 begins switching with the
high-side power-MOSFET first.
Start-Up Primary Soft-Start
The HiperLCS-2 begins primary switching at a frequency approximately
1.5x the maximum of the selected switching frequency range. The
switching frequency is ramped down quickly to build current in the
resonant tank. Once the resonant tank achieves target current
(I
HB(IOVL)), the frequency is then indirectly regulated to maintain tank
current at this level. The result at the system output capacitor, is
equivalent to a very high-power current source. This results in a
monotonic rise at the voltage on the output capacitor. The positive
slew rate of the output voltage-rise will be a function of resonant tank
and output capacitor values. There are two selectable thresholds,
I
HB(OVL) and IHB(IOVL-). The higher level IHB(OVL), is the default value,
selected by using L pin for input voltage UV/OV functions. The lower
level I
HB(IOVL-) is selected by grounding L pin and using PP pin PG
function instead. Selecting I
HB(IOVL-) will slow the output voltage
positive start-up slope and minimizes magnitude of output overshoot.
Selecting I
HB(IOVL-) is recommended for systems using an active PFC
boosted input bus and requires the PFC boost to provide a power-
good (PG) signal to the PP pin. Engagement of arbitrary output loads
will slow the output voltage-rise but will not change the polarity of
the output voltage slope. Primary control of switching continues until
the output voltage reaches close to regulation at which point the
secondary will take control of switching.
Auto Dead Time
The LLC-converter has a structure where positive and return voltages
connect sequentially via power-MOSFET’s to the mid-point or
half-bridge node. The half-bridge connects to a resonant-tank
network which is then series connected to typically power-return
(ground) and coupled to output load. The high-side power-MOSFET
and low-side power-MOSFET are driven sequentially (i.e., neither
MOSFET is on at the same time). During on-time the resonant-tank
delivers some energy to the output and stores the remaining energy.
When the first power-MOSFET turns-off, there is a period of dead
time before the second power-MOSFET turns on. During dead time
some of the remaining stored energy in the resonant tank, continues
to circulate current in the lumped half-bridge capacitance, causing the
half-bridge voltage to slew towards the next switch. The half-bridge
voltage slew continues until either the voltage is clamped by a
MOSFET body-diode (ZVS), or the tank runs out of energy (non-ZVS).
The goal for the LLC-converter is to always run in ZVS (zero-voltage-
switching), operation. This is where the voltage across the next
power-MOSFET is close to zero prior to turning on the power-MOSFET.
This results in near zero capacitive (COSS) MOSFET losses. After the
first power-MOSFET turns-off, the HiperLCS-2 auto-dead time function
holds off second power-MOSFET until the controller detects either the
end of half-bridge voltage-slew or abnormally reaches maximum dead
time. Following this the second power MOSFET will turn-on. The
dead time of a given LLC-converter may vary with input voltage and
output load. The HiperLCS-2 will automatically adjust dead times in
the range from ~90-500 ns.
Frequency
Range
Min
Nom
Max
Unit
0
23
90
135
kHz
1
30
120
183
kHz
2
45
180
270
kHz
3
60
240
366
kHz
Table 2.
Table of Primary and Secondary Frequency Ranges Selections.
Primary Device Frequency Range Selection via PP Pin Resistor
(see data table). Secondary Device Frequency Range Selection
by Part Number.
Primary Protection and Fault Response
If secondary controller does not wake up within 32 ms of primary
switching start, then the power device will declare fault. If hand over
to secondary control does not occur within a further 32 ms after
secondary wake-up, then the primary will declare a fault. As with all
faults, the primary is the master of fault management. When a fault
is declared (primary or secondary), the device will go into either
latching (off) or non-latching fault handling.
For non-latching faults the primary device will initiate auto-restart.
Auto-restart has two responses a short fault response and a long
response (see Table 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com