Electronic Components Datasheet Search
  English  ▼

X  

LCS7262C Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # LCS7262C
Description  Off-Line LLC Switcher ICs with Integrated 600 V FREDFETs Synchronous Rectification and FluxLink Feedback
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS7262C Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button LCS7262C Datasheet HTML 5Page - Power Integrations, Inc. LCS7262C Datasheet HTML 6Page - Power Integrations, Inc. LCS7262C Datasheet HTML 7Page - Power Integrations, Inc. LCS7262C Datasheet HTML 8Page - Power Integrations, Inc. LCS7262C Datasheet HTML 9Page - Power Integrations, Inc. LCS7262C Datasheet HTML 10Page - Power Integrations, Inc. LCS7262C Datasheet HTML 11Page - Power Integrations, Inc. LCS7262C Datasheet HTML 12Page - Power Integrations, Inc. LCS7262C Datasheet HTML 13Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Rev. D 11/22
9
HiperLCS-2
www.power.com
Secondary Device PS Pin Error Fault Codes
Bit
Hex
Code
Fault
Action
PS Pin Error Fault Name
Description
31:28
X
I
1111
Fixed Pre-amble.
27:24
X
I
0000
Fixed Pre-amble.
23:18
X
N
xxxxxx
17:16
X
I
FREQ_MODE_INFO
Information only: read-out of the Secondary device internal Frequency
Range 0-3 value. Helpful for debugging frequency confirmation faults
(FREQ_FAULT), reported on the primary device.
15:14
X
N
xx
13
2000h
P
BPS UV FLT
BPS undervoltage fault. This causes the secondary controller to stop
operating and enter power-up state.
12
1000h
N
x
11
800h
A
SEC_FB_OV_FLT
FB pin overvoltage fault. Note: this fault is only active after hand over to
secondary control.
10
400h
N
x
9
200h
N
x
8:7
X
N
xx
6
40h
A
SEC_OT_FAULT
Secondary controller over-temperature fault. Device switching stops while
fault is active.
5
20h
I
SEC_PHINV_FAULT
Phase inversion fault is only active after start-up and hand over to secondary
control mode. The V
IS clock is compared to the internal FL clock. If the two
clocks are out of phase during 800 ms fault timer, the fault is asserted.
Cumulative switching cycles with phase inversion are required. A single
switching cycle without phase inversion resets the fault timer.
4:3
X
N
x
2
4h
A
VOUT_UV_FLT
Output UV Fault become active after start-up and hand over to secondary
mode. Fault is activated if FB pin remains below V
FBBSTN(TH) for 64 ms. This
fault is disabled in CC mode (PPsel6, PPsel7).
1
X
N
x
0
1h
A
VFB_START_FLT
Secondary start-up fault. From end of frequency confirmation (before hand
over), secondary output voltage (monitored by FB pin), if output does not
reach regulation within 64 ms, the fault is activated. This fault is disabled in
CC mode (PPsel6, PPsel7).
Fault Action:
A = auto-restart, P = power-up reset state, I = information only, N = not-used (ignore).
Table 4.
LSR2000C – Secondary-Side PS Pin Error Fault Reporting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com