Electronic Components Datasheet Search
  English  ▼

X  

LCS7262C Datasheet(PDF) 10 Page - Power Integrations, Inc.

Part # LCS7262C
Description  Off-Line LLC Switcher ICs with Integrated 600 V FREDFETs Synchronous Rectification and FluxLink Feedback
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS7262C Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button LCS7262C Datasheet HTML 6Page - Power Integrations, Inc. LCS7262C Datasheet HTML 7Page - Power Integrations, Inc. LCS7262C Datasheet HTML 8Page - Power Integrations, Inc. LCS7262C Datasheet HTML 9Page - Power Integrations, Inc. LCS7262C Datasheet HTML 10Page - Power Integrations, Inc. LCS7262C Datasheet HTML 11Page - Power Integrations, Inc. LCS7262C Datasheet HTML 12Page - Power Integrations, Inc. LCS7262C Datasheet HTML 13Page - Power Integrations, Inc. LCS7262C Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Rev. D 11/22
10
HiperLCS-2
www.power.com
PP Pin Selection
Frequency Range
Fault Response
0
0
Auto-on
1
1
Auto-on
2
2
Auto-on
3
3
Auto-on
4
0
Latch-off
5
1
Latch-off
6
2
Latch-off
7
3
Latch-off
PP External Fault
All
Latch-off
Table 5.
Table of Primary-Side PP Pin Functionality Selections. See Data Table
for PP Pin Selection Resistor Values.
The BM pin is used to signal that the HiperLCS-2 is operating at low
load. Amongst its uses, this signal can be used to turn-on/off an
inrush bypass relay. It could also be used to change the set-point of
the PFC boost voltage.
The FL pin input is used to receive secondary communications, such
as regulation, burst modes and faults. This input receives a digital
0-5 V signal from the FL-output of the isolation device.
HiperLCS-2 Secondary-Side Isolation-Device
Operation
Communications to Primary-Device
As mentioned earlier the primary device will autonomously start-up
and begin switching, with primary remaining in control until the
output voltage reaches close to regulation. At this point the
secondary will take control (primary will hand over control to
secondary) and all further switching is then controlled from the
secondary side controller.
The secondary-device communicates to the primary-device via the
FluxLink isolated communications. Communication commands include
hand over (i.e., secondary taking control), half-bridge switching, burst
mode and declaration of fault condition.
The isolation-device FL-output is connected to the primary FL-input.
Secondary Fault Handling
After hand over the secondary remains in control until either: a
UV-event occurs (primary or secondary), or until a fault occurs
(primary or secondary). Under either of these conditions UV or fault,
the control reverts back to primary control. Also, under either of
these conditions the primary would enter auto-restart. For auto-
restart, the device has two functionalities, either latch (off-condition),
or non-latching (i.e., auto-restart).
After auto-restart off-time, the primary restart is the same as for first
power-up as described earlier in primary control section.
Note that the primary is the device which handles all system level
fault events. Any secondary fault is reported to the primary and
ultimate system level fault response comes from the primary.
Secondary Control
The secondary takes control of switching as the output voltage
approaches regulation. Once in secondary control, the secondary
device uses 3 signals to achieve closed loop control. The FB pin
signal is coupled via resistor divider from the output voltage. This FB
pin voltage represents a scaled version of the output voltage. The FB
pin generates an error signal with respect to an internal 3.75 V DC
reference. The error signal is output via an OTA, operational trans-
conductance (voltage input to current output) amplifier in the form of
an error current signal to the CMP pin. The gain of the OTA amplifier
is dependent on the magnitude of the error signal. Low gain (e.g., 1x.),
is used for small errors, but once error exceeds a threshold the gain is
increased to high gain (e.g. 4x.). This non-linear amplification (NLA)
allows for extremely fast large-signal transient response.
The CMP pin is coupled to an external resistor capacitor compensation
network (two poles one zero). This compensation network is tailored
to achieve good phase-gain response. The error current signal is
integrated and filtered by the compensation network. When the
system is in regulation the error-current-signal should be extremely
small, thus a small current causing very small variations in the CMP
voltage (compensation network). Both leakage and magnetizing
signals.
The IS pin senses the winding voltage from the transformer. The
sense winding is coupled to the primary of the transformer (both
leakage and magnetizing signals), generating a voltage whose
magnitude is similar in scale to that of the main output voltage
winding. The IS pin has internal clamping at 2.5 V. The sense
winding voltage is AC coupled (via capacitor) and then converted to a
current using a resistor into the IS pin. The magnitude of the current
is low, below 35 mA, thus causing minimal system loss.
Internally the IS pin AC-coupled current signal is compared against
the CMP pin voltage. When the two cross this indicates the end of a
half-cycle.
The IS pin signal contains, amongst other things, information about
primary input current. This means that the overall system implements
a current mode control. The control system does not directly control
frequency, but instead controls half-cycle by half-cycle in time-domain.
However, the frequency is an indirect function of the control loop,
thus in steady state the frequency will be stable and a function of
resonant tank, input voltage and output power, etc.
PS Pin
Selection
Burst
Threshold
(%) **
Constant
Current
Compatible
Burst
Control
0
15
No
Internal
5
2
No
Internal
6
15
Yes
Internal
7
2
Yes
Internal
Table 6.
Table of Secondary-Side PS Pin Functionality Selections. Selected via
PS Pin Resistor (see data table). **Approximate Burst Percentage of
Maximum Continuous System Output Power.
Burst Mode
The CMP pin voltage is inversely proportional to primary input
current. This voltage is used to determine when the system should
enter burst mode. Thus, for a given input voltage the burst mode
entry point is a function of output power. This function is compensated
for input voltage, such that the burst-entry point should be at
relatively similar power levels over the entire input voltage range.
For the HiperLCS-2 the burst mode is used for more than one reason.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com