Electronic Components Datasheet Search
  English  ▼

X  

LCS7262C Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # LCS7262C
Description  Off-Line LLC Switcher ICs with Integrated 600 V FREDFETs Synchronous Rectification and FluxLink Feedback
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS7262C Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button LCS7262C Datasheet HTML 2Page - Power Integrations, Inc. LCS7262C Datasheet HTML 3Page - Power Integrations, Inc. LCS7262C Datasheet HTML 4Page - Power Integrations, Inc. LCS7262C Datasheet HTML 5Page - Power Integrations, Inc. LCS7262C Datasheet HTML 6Page - Power Integrations, Inc. LCS7262C Datasheet HTML 7Page - Power Integrations, Inc. LCS7262C Datasheet HTML 8Page - Power Integrations, Inc. LCS7262C Datasheet HTML 9Page - Power Integrations, Inc. LCS7262C Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Rev. D 11/22
6
HiperLCS-2
www.power.com
Short fault auto-restart occurs for fault events that are detected while
operating in secondary control. This auto-restart off-period is
approximately 200 ms. All faults that trigger during primary control
result in analog auto-restart response where the off-time is around 5
seconds.
The short-auto-restart event allows quick restart for occasional faults.
The long auto-restart ensures that repetitive auto-restart maintains a
very low auto-restart-attempt versus auto-restart-off-time ratio. This
in turn ensures that the persistent fault does not create excess
electrical nor thermal stress on the part.
The primary includes many layers of device self-protection to achieve
rugged performance in the event of faults.
At power-up the device completes FMEA checks (failure-mode effect
analysis) on device pins. If faults are observed the device will not
start switching. Note that such an FMEA fault will not report an error
code on the PP pin if it occurs prior to switching. Fault reporting
messages on the PP pin are only generated for faults which occur
after switching has started.
Primary half-bridge current is internally sensed during low-side
MOSFET on-time. This is used for both primary start-up and also for
safety current limits during secondary mode.
The primary device also includes (high-side controller) over-temperature
protection. This protects against excessive power dissipation in the
primary package. The device also has ambient (low-side controller)
thermal protection, which prevents restart until the temperature has
lowered sufficiently to allow restart. This prevents thermal
temperature built up which might otherwise occur in the event of
immediate restart for repeat fault conditions. Thermal fault triggers
either latching or non-latching response (PP pin select).
The L pin detects input voltage for undervoltage and overvoltage
protection. The input voltage is coupled via a resistor connected to
L pin. The L pin is polled during burst operation to reduce system
consumption. During continuous switching (non-burst) the L pin is
continuously monitored. Overvoltage and undervoltage both have
hysteresis to prevent chatter. On exiting undervoltage the device
goes through a restart. However, for overvoltage the device switching
is blocked while the condition persists but allowed to continue when
condition is removed. Note: that the L pin detects at power-up
whether the pin is connected to ground or if there is a resistor
between the HD pin and L pin. If the L pin is connected to ground
then the PP pin power-good input function is used instead to indicate
line-UV/OV conditions.
The BPL pin provides main supply voltage into the low-side driver and
controller. This voltage is internally regulated to provide 5 V at 5VL
pin. Note: the 5VL pin is not intended to provide power to any
external devices other than the isolation device. The BPH and 5VH
pins provide similar functions on the high-side driver. Both must be
externally decoupled to ground with a capacitor.
The BPL, 5VL, BPH and 5VH pins are monitored for undervoltage
condition. At start-up the device will not begin switching until all are
above their respective UV thresholds. The pins are also monitored
during normal switching and UV will trigger auto-restart. Please note
that unlike faults, a UV-condition on BPL, 5VL, BPH, 5VH will force a
restart but will not output a fault to the PP pin.
Miscellaneous Primary Functions
At power-up, the PP pin is used to read customer configuration
(resistor) settings (see Table 2), which select for the primary start-up
frequency range (90, 120, 180, 240 kHz), and latching/non-latching
fault handling. The PP pin may also be used to receive a power-good
input signal from an external system (such as PFC controller) when
the L pin is connected to ground. As mentioned previously, when PP
pin (PG) function is used, the start-up current is set to the lower
value of I
HB(IOVL-). This is intended only for PFC-boost applications
where the I
HB(IOVL-) slows the output voltage rise and reduces output
overshoot. The same PP pin (PG) signal could be used for remote-
on/off. The PP pin can also receive an external fault signal to disable
device under fault or other conditions – this signal is handled with
latching/non-latching fault response. During fault conditions the PP
pin is also used to output device error codes to help with debug. The
error code is output as a binary non-return-to-zero (NRZ) bit stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com