Electronic Components Datasheet Search
  English  ▼

X  

LCS7262C Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # LCS7262C
Description  Off-Line LLC Switcher ICs with Integrated 600 V FREDFETs Synchronous Rectification and FluxLink Feedback
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS7262C Datasheet(HTML) 1 Page - Power Integrations, Inc.

  LCS7262C Datasheet HTML 1Page - Power Integrations, Inc. LCS7262C Datasheet HTML 2Page - Power Integrations, Inc. LCS7262C Datasheet HTML 3Page - Power Integrations, Inc. LCS7262C Datasheet HTML 4Page - Power Integrations, Inc. LCS7262C Datasheet HTML 5Page - Power Integrations, Inc. LCS7262C Datasheet HTML 6Page - Power Integrations, Inc. LCS7262C Datasheet HTML 7Page - Power Integrations, Inc. LCS7262C Datasheet HTML 8Page - Power Integrations, Inc. LCS7262C Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
HiperLCS-2 Chipset
www.power.com
November 2022
Off-Line LLC Switcher ICs with Integrated 600 V FREDFETs
Synchronous Rectification and FluxLink Feedback
This Product is Covered by Patents and/or Pending Patent Applications.
Product Highlights
Highly Integrated, Compact Footprint
• Up to 98.1% efficiency
• Very low component count and small footprint package
• Eliminates heat sink up to 220 W continuous
• Self-powered start-up
• 600 V FREDFET, rugged fast recovery body diode, current sensing
• HB auto dead time and hard switch detect
• Selectable center frequency (90, 120, 180, 240 kHz)
• Secondary-side sensing and feedback control with fast
transient response
• Synchronous rectification driver
• Integrated FluxLink™, HIPOT-isolated control link
EcoSmart™ – Energy Efficient
• As low as 41 mW no-load including line sense
• Output always in regulation, 0-100% load step
• Easily meets all global energy efficiency regulations
Advanced Protection / Safety Features
• HB and SR shoot-through protection
• Power-up pin open/short check
• System short-circuits, thermal, HB OCP, FB open,
fast input line UV/OV and PMAX protection
Optional Features
• Auto-restart or latching fault response for output OVP/UVP
• Latching or hysteretic primary over-temperature protection
• External faults detect and remote on/off
• Inrush-relay drive output pin
• Provides start-up bias for PFC stage
Full Safety and Regulatory Compliance
• Reinforced isolation, isolation voltage >4000 VAC
• UL1577, CQC and TUV (EN62368-1) safety approved
Applications
• High efficiency power supplies up to 220 W continuous
• Consumer electronics − TV, PC, e-bike and tool chargers
Description
The HiperLCS™-2 chipset achieves high efficiency and compact size in
power supplies up to 220 W with no heat sink. This IC chipset
simplifies the design and manufacture of LLC resonant power converters.
The LCS72xxC primary-side devices incorporate 600 V FREDFET in a
half-bridge arrangement with control, level shifting, drive and self-
powered start-up. The LSR2000C master controller device provides
reinforced isolated feedback, output sensing and SR management.
HiperLCS-2 chipset incorporates multiple protection features including
line over and undervoltage protection, output overvoltage and
over-temperature shutdown. Device fault response options support
common combinations of latching and auto-restart behaviors required
by applications such as chargers, adapters, consumer electronics and
industrial systems.
HSD
HiperLCS2-HB
LCS726x
HB
FL
PP
BM
BPL
GP
L
5VL
GD
S
HD
PI-9307-021522
BPH
5VH
B+
RTN
+V
B-
CONTROL
HiperLCS2-SR
LSR2000
BPS
GSB
5VS
SEC Controller
5VL
FL
GP
Figure 1. Typical Application Schematic.
Figure 2. Primary-Side Package.
InSOP-24C Top View.
Figure 3. HiperLCS2-SR.
Safety Isolation Package,
InSOP-24D Top View.
Output Power Table
Power
Device
Safety
Isolation
Device
385 VDC ±5%
Adapter1
Peak Power2
LCS7260C
LSR2000C
80 W
135 W
LCS7262C
120 W
205 W
LCS7265C
220 W
375 W
Table 1.
Output Power Table.
Notes:
1. Power Device: Minimum continuous power in a typical non-ventilated enclosed
typical size adapter measured at 40 °C ambient. Max output power is
dependent on the design, with condition that T
J <110 °C.
2. Power Device: Minimum peak power capability (not thermally limited).


Similar Part No. - LCS7262C

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LCS700 POWERINT-LCS700 Datasheet
3Mb / 26P
Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
LCS700-708 POWERINT-LCS700-708 Datasheet
3Mb / 26P
Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
LCS700HG POWERINT-LCS700HG Datasheet
3Mb / 26P
Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
LCS700HG POWERINT-LCS700HG Datasheet
2Mb / 30P
Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
May 2017
LCS700HG POWERINT-LCS700HG Datasheet
2Mb / 30P
Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
May 2017
More results

Similar Description - LCS7262C

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
INN2023K-TL POWERINT-INN2023K-TL Datasheet
2Mb / 26P
Off-Line CV/CC Flyback Switcher IC with Integrated 650 V MOSFET, Synchronous Rectification and Feedback
June 2020
INN3072M POWERINT-INN3072M Datasheet
1Mb / 23P
High Efficiency Off-line CV/CC QR Flyback Switcher IC with Integrated 725 V Primary MOSFET, Synchronous Rectification and Integrated Secondary-Side Control
November 2022
INN3162C POWERINT-INN3162C Datasheet
2Mb / 33P
Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback. For Applications up to 65 W
November 2022
INN3264C POWERINT-INN3264C Datasheet
2Mb / 40P
Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification, FluxLink Feedback and Constant Power Profile
November 2022
INN3365C POWERINT-INN3365C Datasheet
3Mb / 58P
Digitally Controllable Off-Line CV/CC QR Flyback Switcher IC with Integrated High-Voltage Switch, Synchronous Rectification and FluxLink Feedback
November 2022
INN3464C POWERINT-INN3464C Datasheet
1Mb / 20P
Off-Line Multiple Output QR Flyback Switcher IC with Integrated 650 V, 725 V or 750 V Switch, Synchronous Rectification and FluxLink Feedback
July 2021
INN3672C POWERINT-INN3672C Datasheet
3Mb / 41P
Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback
November 2022
INN3865C POWERINT-INN3865C Datasheet
2Mb / 44P
Off-Line QR Flyback Switcher IC with Integrated USB Type-C and USB PD Controller, High-Voltage Switch, Synchronous Rectification and FluxLink Feedback
November 2022
INN4072C POWERINT-INN4072C Datasheet
2Mb / 36P
Off-Line CV/CC ZVS Flyback Integrated Switcher IC with 750 V PowiGaN, Active Clamp Drive and Synchronous Rectification
August 2022
SC1933C POWERINT-SC1933C Datasheet
1Mb / 28P
Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback
November 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com