Electronic Components Datasheet Search
  English  ▼

X  

ADM485ARMZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADM485ARMZ
Description  5 V Low Power EIA RS-485 Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM485ARMZ Datasheet(HTML) 3 Page - Analog Devices

  ADM485ARMZ Datasheet HTML 1Page - Analog Devices ADM485ARMZ Datasheet HTML 2Page - Analog Devices ADM485ARMZ Datasheet HTML 3Page - Analog Devices ADM485ARMZ Datasheet HTML 4Page - Analog Devices ADM485ARMZ Datasheet HTML 5Page - Analog Devices ADM485ARMZ Datasheet HTML 6Page - Analog Devices ADM485ARMZ Datasheet HTML 7Page - Analog Devices ADM485ARMZ Datasheet HTML 8Page - Analog Devices ADM485ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADM485
Rev. F | Page 3 of 16
SPECIFICATIONS
VCC = 5 V ± 5%, all specifications TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Differential Output Voltage, VOD
5.0
V
R = ∞, see Figure 20
2.0
5.0
V
VCC = 5 V, R = 50 Ω (RS-422), see Figure 20
1.5
5.0
V
R = 27 Ω (RS-485), see Figure 20
VOD3
1.5
5.0
V
VTST = −7 V to +12 V, see Figure 21
Δ|VOD| for Complementary Output States
0.2
V
R = 27 Ω or 50 Ω, see Figure 20
Common-Mode Output Voltage, VOC
3
V
R = 27 Ω or 50 Ω, see Figure 20
Δ|VOD| for Complementary Output States
0.2
V
R = 27 Ω or 50 Ω
Output Short-Circuit Current, VOUT = High
35
250
mA
−7 V ≤ VO ≤ +12 V
Output Short-Circuit Current, VOUT = Low
35
250
mA
−7 V ≤ VO ≤ +12 V
CMOS Input Logic Threshold Low, VINL
0.8
V
CMOS Input Logic Threshold High, VINH
2.0
V
Logic Input Current (DE, DI)
±1.0
μA
RECEIVER
Differential Input Threshold Voltage, VTH
−0.2
+0.2
V
−7 V ≤ VCM ≤ +12 V
Input Voltage Hysteresis, ΔVTH
70
mV
VCM = 0 V
Input Resistance
12
kΩ
−7 V ≤ VCM ≤ +12 V
Input Current (A, B)
1
mA
VIN = 12 V
–0.8
mA
VIN = −7 V
CMOS Input Logic Threshold Low, VINL
0.8
V
CMOS Input Logic Threshold High, VINH
2.0
V
Logic Enable Input Current (RE)
±1
μA
CMOS Output Voltage Low, VOL
0.4
V
IOUT = 4.0 mA
CMOS Output Voltage High, VOH
4.0
V
IOUT = −4.0 mA
Short-Circuit Output Current
7
85
mA
VOUT = GND or VCC
Three-State Output Leakage Current
±1.0
μA
0.4 V ≤ VOUT ≤ 2.4 V
POWER SUPPLY CURRENT
ICC, Outputs Enabled
1.0
2.2
mA
Digital inputs = GND or VCC
ICC, Outputs Disabled
0.6
1
mA
Digital inputs = GND or VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com